Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8JX-G05012C Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # S8JX-G05012C
Description  Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8JX-G05012C Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button S8JX-G05012C Datasheet HTML 7Page - Omron Electronics LLC S8JX-G05012C Datasheet HTML 8Page - Omron Electronics LLC S8JX-G05012C Datasheet HTML 9Page - Omron Electronics LLC S8JX-G05012C Datasheet HTML 10Page - Omron Electronics LLC S8JX-G05012C Datasheet HTML 11Page - Omron Electronics LLC S8JX-G05012C Datasheet HTML 12Page - Omron Electronics LLC S8JX-G05012C Datasheet HTML 13Page - Omron Electronics LLC S8JX-G05012C Datasheet HTML 14Page - Omron Electronics LLC S8JX-G05012C Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
S8JX
11
INPUT
DC OUTPUT
Voltage
detection
+V
−V
Noise
filter
Inrush current protection
Fuse
10 A
AC (L)
AC (N)
Photocoupler
Drive control
Circuit
Overcurrent
detection
circuit
Overvoltage
detection circuit
Rectifier/
Smoothing circuit
Rectifier/
Smoothing circuit
Parallel operation selector
100/200V (Selectable)
S8JX-G30024
@@ (300 W)
Note: Short-circuit the input voltage selector terminals if the input is 100 to 120 VAC.
Keep the terminals open if the input is 200 to 240 VAC.
Fan
INPUT
DC OUTPUT
Voltage
detection
+V
−V
Noise
filter
Inrush current protection
Fuse
10 A
AC (L)
AC (N)
Photocoupler
Drive control
Circuit
Overcurrent
detection
circuit
Overheat
detection
circuit
Overvoltage
detection circuit
Rectifier/
Smoothing circuit
Rectifier/
Smoothing circuit
Parallel operation selector
100/200V (Selectable)
S8JX-G60024
@@ (600 W)
Note: Short-circuit the input voltage selector terminals if the input is 100 to 120 VAC.
Keep the terminals open if the input is 200 to 240 VAC.


Similar Part No. - S8JX-G05012C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8JX-G05012C OMRON-S8JX-G05012C Datasheet
486Kb / 4P
   Offers Flexible Selection, High Reliability and Ease of Operation
S8JX-G05012CD OMRON-S8JX-G05012CD Datasheet
486Kb / 4P
   Offers Flexible Selection, High Reliability and Ease of Operation
More results

Similar Description - S8JX-G05012C

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD3640 QORVO-QPD3640 Datasheet
690Kb / 9P
   150 W / 300 W, 48 V, 3.4 ??3.8 GHz, Asymmetric Doherty
October 14, 2019
logo
NXP Semiconductors
UM10469 PHILIPS-UM10469 Datasheet
914Kb / 17P
   48 V/150 W demo board using the SSL4101
Rev. 1.2-29 December 2014
logo
List of Unclassifed Man...
2N6052 ETC-2N6052 Datasheet
174Kb / 1P
   Transistor, Bipolar, TO-3, PNP, 12 A, 100 V, 150 W
5/20/03
logo
Texas Instruments
PTN04050C TI-PTN04050C Datasheet
1Mb / 17P
[Old version datasheet]   12 - W, 3.3 / 5 - V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
PTN04050C TI1-PTN04050C_11 Datasheet
646Kb / 19P
[Old version datasheet]   12-W, 3.3/5-V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
logo
Weidmuller
1286870000 WEIDMULLER-1286870000 Datasheet
241Kb / 4P
   Wide ranges of variations with 5 to 16 ports, Variations for Gigabit Ethernet
logo
Solid States Devices, I...
ST4462 SSDI-ST4462 Datasheet
131Kb / 2P
   150 W Transient Voltage Suppressor
logo
STMicroelectronics
STEVAL-ISA184V1 STMICROELECTRONICS-STEVAL-ISA184V1 Datasheet
221Kb / 4P
   5 V-12 V, 15 W double output isolated flyback converter based on VIPer37LD
December 2016 Rev 1
logo
Texas Instruments
PTEA404120 TI-PTEA404120 Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
logo
Weidmuller
1286860000 WEIDMULLER-1286860000 Datasheet
243Kb / 4P
   Wide ranges of variations with 5 to 16 ports, Variations for Gigabit Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com