Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5179029-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 5179029-2
Description  PLUG ASSEMBLY 6H TYPE (0.5 and 0.8 BOSS LEBGTH) FOR FH 0.8mm PITCH B-T-B CONNECTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5179029-2 Datasheet(HTML) 2 Page - Tyco Electronics

  5179029-2 Datasheet HTML 1Page - Tyco Electronics 5179029-2 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 5179029-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5179029-2 MACOM-5179029-2 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
5179029-2 MACOM-5179029-2 Datasheet
418Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
5179029-2 MACOM-5179029-2 Datasheet
769Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
More results

Similar Description - 5179029-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5179031-1 MACOM-5179031-1 Datasheet
72Kb / 2P
   PLUG ASSEMBLY 8H TYPE (0.5 BOSS LENGHT) FOR FH 0.8MM PITCH B-T-B CONNECTOR
5177984-3 MACOM-5177984-3 Datasheet
77Kb / 2P
   PLUG ASSEMBLY 5H TYPE (0.5 BOSS LENGTH) FOR FH 0.8mm PITCH B-T-B CONNECTOR
2-5177986-5 MACOM-2-5177986-5 Datasheet
168Kb / 1P
   PLUG ASSEMBLY (0.5 BOSS LENGTH) FOR FH 0.8 B-T-B CONN. ON TAPING
5177986-8 MACOM-5177986-8 Datasheet
168Kb / 1P
   PLUG ASSEMBLY (0.5 BOSS LENGTH) FOR FH 0.8 B-T-B CONN. ON TAPING
1-5177986-1 MACOM-1-5177986-1 Datasheet
168Kb / 1P
   PLUG ASSEMBLY (0.5 BOSS LENGTH) FOR FH 0.8 B-T-B CONN. ON TAPING
6123212 MACOM-6123212 Datasheet
88Kb / 2P
   REC ASSY FOR FH 0.8 B-T-B CONNECTOR 13H 0.5 BOSS LENGTH
logo
List of Unclassifed Man...
177983-0 ETC1-177983-0 Datasheet
91Kb / 2P
   RECEPTACLE ASSEMBLY SH TYPE (O.5 BOSS LENGTH) FOR FH 0.8MM PITCH B-T-B CONNECTOR
logo
TE Connectivity Ltd
C-5179180 TEC-C-5179180 Datasheet
731Kb / 4P
   REC ASSYY 9H TYPE (0.5 BOSS L) FOR FH 0.8mm B-T-B CONN ON TAPING
logo
Tyco Electronics
6-5179010-0 MACOM-6-5179010-0 Datasheet
77Kb / 2P
   RECEPTACLE ASSEMBLY 13H TYPE FOR FH 0.8mm PITCH B-T-B CONNECTOR
logo
TE Connectivity Ltd
C-5179009 TEC-C-5179009 Datasheet
514Kb / 3P
   RCEPTACLE ASSEMBLY 9H TYPE FOR FH 0.8mm PITCH B-T-B CONNECTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com