Electronic Components Datasheet Search |
|
S8JX-G01515CD Datasheet(PDF) 5 Page - Omron Electronics LLC |
|
S8JX-G01515CD Datasheet(HTML) 5 Page - Omron Electronics LLC |
5 / 28 page S8JX 5 *1. When a load is connected that has a built-in DC-DC converter, the overload protection may operate at startup and the Power Supply may not start. Refer to Overload Protection on page 15. *2. Do not use an Inverter output for the Power Supply. Inverters with an output frequency of 50/60 Hz are available, but the rise in the internal temperature of the Power Supply may result in ignition or burning. *3. Rated input voltage: 100 or 200 VAC at 100% load. *4. Output characteristics: Specified at power supply output terminals. *5. If the output voltage adjuster (V. ADJ) is turned, the voltage will increase by more than the allowable voltage range. When adjusting the output voltage, confirm the actual output voltage from the Power Supply and be sure that load is not damaged. *6. For details, refer to Overload Protection on page 15. *7. To reset the protection, turn OFF the input power for seven minutes or longer and then turn it back ON. *8. The weight indicated is a for Front-mounting, Open-frame Power Supply. *9. The range for compliance with EC Directives and safety standards (UL, EN, etc.) is 100 to 240 VAC (85 to 264 VAC). Input specification 100 to 240 V input Item Power ratings *1 50 W 100 W Efficiency 76% min. Input Voltage *2 100 to 240 VAC (allowable range: 85 to 264 VAC) 80 to 370 VDC *9 Note: This range is not applicable for the safety standards. Frequency *2 50/60 Hz (47 to 450 Hz) Current *3 100 V input 1.4 A max. 2.5 A max. 200 V input 0.8 A max. 1.5 A max. Power factor --- Harmonic current emissions --- Leakage current *3 100 V input 0.5 mA max. 200 V input 1 mA max. Inrush current (for a cold start at 25 °C) *3 100 V input 20 A max. 200 V input 40 A max. Noise filter Yes Output *4 Voltage adjustment range *5 −10% to 15% (with V. ADJ) (48-V models: ±10%) Ripple *3 2% (p-p) max. Input variation influence 0.4% max. (with AC input voltage) Load variation influence 0.8% max. (0 to 100% load, rated input voltage) Temperature variation influence 0.05%/ °C max. (at rated input and output) Startup time 500 ms max. (up to 90% of output voltage at rated input and output) Hold time *3 20 ms min. Additional functions Overload protection *6 105% to 175% of rated load current, voltage drop, intermittent, automatic reset Overvoltage protection *7 Yes Overheat protection No Parallel operation No Series operation Yes (For up to two Power Supplies; external diodes required.) Protective circuit operation indicator No Other Ambient operating temperature Refer to the derating curve in Engineering Data on page 13 (with no icing or condensation). Storage temperature −25 to 65°C (with no icing or condensation) Ambient operating humidity 25% to 85% (Storage humidity: 25% to 90%) Dielectric strength 3.0 kVAC for 1 min. (between all inputs and outputs; detection current: 20 mA) 2.0 kVAC for 1 min. (between all inputs and PE terminals; detection current: 20 mA) 1.0 kVAC for 1 min. (between all outputs and PE terminals; detection current: 20 mA) Insulation resistance 100 M Ω min. (between all outputs and all inputs/PE terminals) at 500 VDC Vibration resistance 10 to 55 Hz, 0.375-mm single amplitude for 2 h each in X, Y, and Z directions Shock resistance 150 m/s2, 3 times each in ±X, ±Y, ±Z directions Output indicator Yes (Color: Green) EMI Conducted Emissions Conforms to EN 55011 Group 1 Class A and based on FCC Class A Radiated Emissions Conforms to EN 55011 Group 1 Class A EMS Electrostatic Discharge Confirms to EN61000-4-2 Radiated Electromagnetic Field Confirms to EN61000-4-3 Electrical Fast Transient/Burst Confirms to EN61000-4-4 Surge Confirms to EN61000-4-5 Conducted Disturbance Confirms to EN61000-4-6 Voltage Dips/Short Interruptions Confirms to EN61000-4-11 Approved standards *9 UL Listed: UL 508 (Listing), UL UR: UL 60950-1 (Recognition) cUL Listed: CSA C22.2 No.107.1 cUR: CSA C22.2 No. 60950-1 EN/VDE: EN50178 (= VDE 0160), EN 60950-1 (= VDE 0805 Teil 1) (Terminal block: Based on DIN 50274 (VDE 0660-514)) SEMI SEMI F47-0200 (200-VAC input) Weight *8 300 g max. 550 g max. |
Similar Part No. - S8JX-G01515CD |
|
Similar Description - S8JX-G01515CD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |