Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP13FFIV20 Datasheet(PDF) 17 Page - SPANSION

Part # S29GL01GP13FFIV20
Description  1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP13FFIV20 Datasheet(HTML) 17 Page - SPANSION

Back Button S29GL01GP13FFIV20 Datasheet HTML 13Page - SPANSION S29GL01GP13FFIV20 Datasheet HTML 14Page - SPANSION S29GL01GP13FFIV20 Datasheet HTML 15Page - SPANSION S29GL01GP13FFIV20 Datasheet HTML 16Page - SPANSION S29GL01GP13FFIV20 Datasheet HTML 17Page - SPANSION S29GL01GP13FFIV20 Datasheet HTML 18Page - SPANSION S29GL01GP13FFIV20 Datasheet HTML 19Page - SPANSION S29GL01GP13FFIV20 Datasheet HTML 20Page - SPANSION S29GL01GP13FFIV20 Datasheet HTML 21Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 81 page
background image
October 22, 2012 S29GL-P_00_A14
S29GL-P MirrorBit® Flash Family
17
Data
She e t
5.
Additional Resources
Visit www.spansion.com to obtain the following related documents:
5.1
Application Notes
The following is a list of application notes related to this product. All Spansion application notes are available
at http://www.spansion.com/Support/TechnicalDocuments/Pages/ApplicationNotes.aspx
 Using the Operation Status Bits in AMD Devices
 Understanding Page Mode Flash Memory Devices
 MirrorBit® Flash Memory Write Buffer Programming and Page Buffer Read
 Common Flash Interface Version 1.4 Vendor Specific Extensions
 MirrorBit® Flash Memory Write Buffer Programming and Page Buffer Read
 Taking Advantage of Page Mode Read on the MCF5407 Coldfire
 Migration to S29GL128N and S29GL256N based on 110nm MirrorBit® Technology
 Optimizing Program/Erase Times
 Practical Guide to Endurance and Data Retention
 Configuring FPGAs using Spansion S29GL-N Flash
 Connecting Spansion™ Flash Memory to a System Address Bus
 Connecting Unused Data Lines of MirrorBit® Flash
 Reset Voltage and Timing Requirements for MirrorBit® Flash
 Versatile IO: DQ and Enhanced
5.2
Specification Bulletins
Contact your local sales office for details.
5.3
Hardware and Software Support
Downloads and related information on Flash device support is available at
http://www.spansion.com/Support/Pages/DriversSoftware.aspx
 Spansion low-level drivers
 Enhanced Flash drivers
 Flash file system
Downloads and related information on simulation modeling and CAD modeling support is available at
http://www.spansion.com/Support/Pages/SimulationModels.aspx
 VHDL and Verilog
 IBIS
 ORCAD
5.4
Contacting Spansion
Obtain the latest list of company locations and contact information on our web site at
http://www.spansion.com/About/Pages/Locations.aspx


Similar Part No. - S29GL01GP13FFIV20

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL01GP13FFIV10 SPANSION-S29GL01GP13FFIV10 Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV12 SPANSION-S29GL01GP13FFIV12 Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV13 SPANSION-S29GL01GP13FFIV13 Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results

Similar Description - S29GL01GP13FFIV20

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL128P90FFIR20 SPANSION-S29GL128P90FFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_12 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL032A SPANSION-S29GL032A_07 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GL-M SPANSION-S29GL-M Datasheet
4Mb / 116P
   256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL-P SPANSION-S70GL-P Datasheet
455Kb / 13P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com