Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8JX-G10048CD Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # S8JX-G10048CD
Description  Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8JX-G10048CD Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button S8JX-G10048CD Datasheet HTML 5Page - Omron Electronics LLC S8JX-G10048CD Datasheet HTML 6Page - Omron Electronics LLC S8JX-G10048CD Datasheet HTML 7Page - Omron Electronics LLC S8JX-G10048CD Datasheet HTML 8Page - Omron Electronics LLC S8JX-G10048CD Datasheet HTML 9Page - Omron Electronics LLC S8JX-G10048CD Datasheet HTML 10Page - Omron Electronics LLC S8JX-G10048CD Datasheet HTML 11Page - Omron Electronics LLC S8JX-G10048CD Datasheet HTML 12Page - Omron Electronics LLC S8JX-G10048CD Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
S8JX
9
Voltage
detection
Photocoupler
Drive control
Circuit
Overcurrent
detection
circuit
+V
−V
DC OUTPUT
Noise
filter
Inrush current
protection
Fuse
6.3 A
AC (L)
INPUT
AC (N)
Rectifier
Smoothing
circuit
Rectifier/
Smoothing circuit
Overvoltage
detection circuit
S8JX-G05005
@@ (50 W)
S8JX-G05012
@@ (50 W)
S8JX-G05024
@@ (50 W)
Voltage
detection circuit
Photocoupler
Overvoltage
detection circuit
Drive control
circuit
Overcurrent
detection
circuit
+V
−V
DC OUTPUT
Rectifier/
smoothing circuit
Noise
filter
Inrush current
protection
Fuse:
6.3 A
AC (L
INPUT
AC (N)
Rectifier
Smoothing
circuit
S8JX-G05048
@@ (50 W)
DC OUTPUT
INPUT
Voltage
detection
+V
−V
Noise
filter
Inrush current
protection
Fuse
8 A
AC (L)
AC (N)
Rectifier
Photocoupler
Drive control
Circuit
Overcurrent
detection
circuit
Smoothing
circuit
Rectifier/
Smoothing circuit
Overvoltage
detection circuit
S8JX-G100
@@@@ (100 W)


Similar Part No. - S8JX-G10048CD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8JX-G10048CD OMRON-S8JX-G10048CD Datasheet
486Kb / 4P
   Offers Flexible Selection, High Reliability and Ease of Operation
More results

Similar Description - S8JX-G10048CD

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD3640 QORVO-QPD3640 Datasheet
690Kb / 9P
   150 W / 300 W, 48 V, 3.4 ??3.8 GHz, Asymmetric Doherty
October 14, 2019
logo
NXP Semiconductors
UM10469 PHILIPS-UM10469 Datasheet
914Kb / 17P
   48 V/150 W demo board using the SSL4101
Rev. 1.2-29 December 2014
logo
List of Unclassifed Man...
2N6052 ETC-2N6052 Datasheet
174Kb / 1P
   Transistor, Bipolar, TO-3, PNP, 12 A, 100 V, 150 W
5/20/03
logo
Texas Instruments
PTN04050C TI-PTN04050C Datasheet
1Mb / 17P
[Old version datasheet]   12 - W, 3.3 / 5 - V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
PTN04050C TI1-PTN04050C_11 Datasheet
646Kb / 19P
[Old version datasheet]   12-W, 3.3/5-V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
logo
Weidmuller
1286870000 WEIDMULLER-1286870000 Datasheet
241Kb / 4P
   Wide ranges of variations with 5 to 16 ports, Variations for Gigabit Ethernet
logo
Solid States Devices, I...
ST4462 SSDI-ST4462 Datasheet
131Kb / 2P
   150 W Transient Voltage Suppressor
logo
STMicroelectronics
STEVAL-ISA184V1 STMICROELECTRONICS-STEVAL-ISA184V1 Datasheet
221Kb / 4P
   5 V-12 V, 15 W double output isolated flyback converter based on VIPer37LD
December 2016 Rev 1
logo
Texas Instruments
PTEA404120 TI-PTEA404120 Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
logo
Weidmuller
1286860000 WEIDMULLER-1286860000 Datasheet
243Kb / 4P
   Wide ranges of variations with 5 to 16 ports, Variations for Gigabit Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com