Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1612BCPZ-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # ADG1612BCPZ-REEL
Description  1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1612BCPZ-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG1612BCPZ-REEL Datasheet HTML 6Page - Analog Devices ADG1612BCPZ-REEL Datasheet HTML 7Page - Analog Devices ADG1612BCPZ-REEL Datasheet HTML 8Page - Analog Devices ADG1612BCPZ-REEL Datasheet HTML 9Page - Analog Devices ADG1612BCPZ-REEL Datasheet HTML 10Page - Analog Devices ADG1612BCPZ-REEL Datasheet HTML 11Page - Analog Devices ADG1612BCPZ-REEL Datasheet HTML 12Page - Analog Devices ADG1612BCPZ-REEL Datasheet HTML 13Page - Analog Devices ADG1612BCPZ-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADG1611/ADG1612/ADG1613
Data Sheet
Rev. B | Page 10 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
–8
–6
–4
–2
0
2
4
6
8
VS OR VD VOLTAGE (V)
TA = 25°C
VDD = +3.3V
VSS = –3.3V
VDD = +5V
VSS = –5V
VDD = +8V
VSS = –8V
Figure 6. On Resistance as a Function of VD (VS) for Dual Supply
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
2
4
6
8
10
12
14
16
VS OR VD VOLTAGE (V)
VDD = 3.3V
VSS = 0V
VDD = 12V
VSS = 0V
VDD = 5V
VSS = 0V
VDD = 16V
VSS = 0V
TA = 25°C
Figure 7. On Resistance as a Function of VD (VS) for Single Supply
0.4
0.6
0.8
1.0
1.2
1.4
–6
–4
–2
0246
VS OR VD VOLTAGE (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
VDD = +5V
VSS = –5V
Figure 8. On Resistance as a Function of VD (VS) for Different Temperatures,
±5 V Dual Supply
0.4
0.6
0.8
1.0
1.2
1.4
02468
10
12
VS OR VD VOLTAGE (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
VDD = 12V
VSS = 0V
Figure 9. On Resistance as a Function of VD (VS) for Different Temperatures,
12 V Single Supply
1.0
1.5
2.0
2.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VS OR VD VOLTAGE (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
VDD = 5V
VSS = 0V
Figure 10. On Resistance as a Function of VD (VS) for Different Temperatures,
5 V Single Supply
1.5
2.0
2.5
3.0
3.5
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VS OR VD VOLTAGE (V)
VDD = 3.3V
VSS = 0V
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
Figure 11. On Resistance as a Function of VD (VS) for Different Temperatures,
3.3 V Single Supply


Similar Part No. - ADG1612BCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BCPZ-REEL AD-ADG1604BCPZ-REEL Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BCPZ-REEL7 AD-ADG1604BCPZ-REEL7 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BRUZ AD-ADG1604BRUZ Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BRUZ-REEL AD-ADG1604BRUZ-REEL Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
More results

Similar Description - ADG1612BCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
logo
Vishay Siliconix
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
   On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
Rev. A, 29-Feb-16
logo
Analog Devices
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADGS1612 AD-ADGS1612 Datasheet
380Kb / 29P
   SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
logo
Vishay Siliconix
DG9426E VISHAY-DG9426E_V01 Datasheet
302Kb / 14P
   1.6 ??On Resistance, 짹 5 V, 12 V, and 3 V Quad SPST Switches
01-Jan-2022
logo
Analog Devices
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com