Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62200DBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62200DBVR
Description  HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62200DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62200DBVR Datasheet HTML 6Page - Texas Instruments TPS62200DBVR Datasheet HTML 7Page - Texas Instruments TPS62200DBVR Datasheet HTML 8Page - Texas Instruments TPS62200DBVR Datasheet HTML 9Page - Texas Instruments TPS62200DBVR Datasheet HTML 10Page - Texas Instruments TPS62200DBVR Datasheet HTML 11Page - Texas Instruments TPS62200DBVR Datasheet HTML 12Page - Texas Instruments TPS62200DBVR Datasheet HTML 13Page - Texas Instruments TPS62200DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.ti.com
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2.5
3
3.5
4
4.5
5
5.5
6
TA = 85°C
TA = 25°C
TA = −40°C
VI − Input Voltage − V
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
0
50
100
150
200
250
300
IO − Output Current − mA
PFM Mode
PWM Mode
VO
20 mV/div
VI
3.6 V to 4.6 V
200
µs/div
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2.5
3
3.5
4
4.5
5
5.5
6
TA = 85°C
TA = 25°C
TA = −40°C
VI − Input Voltage − V
TPS62200
,, TPS62201
TPS62202, TPS62203, TPS62207
TPS62204, TPS62205, TPS62208
SLVS417E – MARCH 2002 – REVISED MAY 2006
OUTPUT VOLTAGE
rds(on) P-CHANNEL SWITCH
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 9.
Figure 10.
rds(on) P-CHANNEL SWITCH
LINE TRANSIENT RESPONSE
vs
INPUT VOLTAGE
Figure 11.
Figure 12.
10
Submit Documentation Feedback


Similar Part No. - TPS62200DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62200DBV TI-TPS62200DBV Datasheet
291Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200DBV TI-TPS62200DBV Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results

Similar Description - TPS62200DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI-TPS62200 Datasheet
291Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI-TPS62200_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com