Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

222215370109 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 222215370109
Description  Aluminum Capacitors SMD (Chip) Long Life Vertical
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

222215370109 Datasheet(HTML) 3 Page - Vishay Siliconix

  222215370109 Datasheet HTML 1Page - Vishay Siliconix 222215370109 Datasheet HTML 2Page - Vishay Siliconix 222215370109 Datasheet HTML 3Page - Vishay Siliconix 222215370109 Datasheet HTML 4Page - Vishay Siliconix 222215370109 Datasheet HTML 5Page - Vishay Siliconix 222215370109 Datasheet HTML 6Page - Vishay Siliconix 222215370109 Datasheet HTML 7Page - Vishay Siliconix 222215370109 Datasheet HTML 8Page - Vishay Siliconix 222215370109 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
153 CRV
www.vishay.com
Vishay BCcomponents
Revision: 13-Mar-12
3
Document Number: 28388
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 2 - Dimensional outline
Table 2
MOUNTING
The capacitors are designed for automatic placement on to
printed-circuit boards.
Optimum dimensions of soldering pads depend amongst
others on soldering method, mounting accuracy, print
layout and/or adjacent components.
For recommended soldering pad dimensions, refer to Fig. 3
and Table 3.
SOLDERING
Soldering conditions are defined by the curve, temperature
versus time, where the temperature is that measured on the
soldering pad and on top of the case during processing.
For maximum conditions refer to Fig. 4.
Maximum 2 runs with pause of minimum 30 min between.
Any temperature versus time curve which does not exceed
the specified maximum curves may be applied.
AS
A
GENERAL
PRINCIPLE,
TEMPERATURE
AND
DURATION SHALL BE THE MINIMUM NECESSARY
REQUIRED
TO
ENSURE
GOOD
SOLDERING
CONNECTIONS. HOWEVER, THE SPECIFIED MAXIMUM
CURVES SHOULD NEVER BE EXCEEDED.
Fig. 3 - Recommended soldering pad dimensions
Table 3
DIMENSIONS in millimeters AND MASS
NOMINAL CASE SIZE
Lx W xH
CASE CODE
Lmax.
Wmax.
Hmax.
Ø D
Bmax.
S
MASS
(g)
4.0 x 4.0 x 5.3
0405
4.5
4.5
5.5
4.0
0.8
1.0
 0.13
5.0 x 5.0 x 5.3
0505
5.5
5.5
5.5
5.0
0.8
1.4
 0.20
6.3 x 6.3 x 5.3
0605
6.8
6.8
5.5
6.3
0.8
2.0
 0.30
8.0 x 8.0 x 6.5
0807
8.6
8.6
6.8
8.0
0.8
2.3
 0.50
8.0 x 8.0 x 10
0810
8.6
8.6
10.5
8.0
1.1
3.1
 1.00
10 x 10 x 10
1010
10.6
10.6
10.5
10.0
1.1
4.7
 1.30
10 x 10 x 14
1014
10.6
10.6
14.3
10.0
1.2
4.5
 1.50
0.4 ± 0.2
W B
S
0.3
max.
W
L
D
RECOMMENDED SOLDERING PAD DIMENSIONS in millimeters
CASE CODE
a
b
c
0405
2.6
1.6
1.0
0505
3.0
1.6
1.4
0605
3.5
1.6
1.9
0807
4.0
1.6
2.1
0810
3.5
2.5
3.0
1010
4.0
2.5
4.0
1014
4.3
2.5
4.0
b
a
c
a


Similar Part No. - 222215370109

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
222215360109 VISHAY-222215360109 Datasheet
250Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 07-Nov-05
222215360221 VISHAY-222215360221 Datasheet
250Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 07-Nov-05
222215360229 VISHAY-222215360229 Datasheet
250Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 07-Nov-05
222215360339 VISHAY-222215360339 Datasheet
250Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 07-Nov-05
222215360478 VISHAY-222215360478 Datasheet
250Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 07-Nov-05
More results

Similar Description - 222215370109

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
153CLV VISHAY-153CLV Datasheet
250Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 07-Nov-05
153CLV VISHAY-153CLV_08 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
153CRV VISHAY-153CRV_08 Datasheet
113Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 15-Oct-08
153CRV VISHAY-153CRV_12 Datasheet
115Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 13-Mar-12
153CRV VISHAY-153CRV Datasheet
541Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 12-Dec-07
153CRV VISHAY-153CRV_17 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
Revision: 20-Mar-17
153CRV VISHAY-153CRV_V01 Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
01-Jan-2023
139CLL VISHAY-139CLL_13 Datasheet
114Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 11-Feb-13
139CLL VISHAY-139CLL Datasheet
109Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 28-May-08
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life
Revision: 29-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com