Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RT10161BB41 Datasheet(PDF) 59 Page - Siemens Semiconductor Group

Part # 3RT10161BB41
Description  Controls ??Contactors and Contactor Assemblies
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RT10161BB41 Datasheet(HTML) 59 Page - Siemens Semiconductor Group

Back Button 3RT10161BB41 Datasheet HTML 55Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 56Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 57Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 58Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 59Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 60Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 61Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 62Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 63Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
3RT, 3RH, 3TB, 3TC, 3TH, 3TK Contactors for Special Applications
3RT13 Contactors for Switching Resistive Loads (AC-1)
4-pole, 4 NO, 18 ... 140 A
3/59
Siemens LV 1 · 2006
1) Minimum conductor cross-section 10 mm².
AC and DC operation, 4 NO contacts
Screw terminals
Rated data AC-1,
Tu: 40/60 °C
Rated control
supply voltage
Us
DT
Screw terminals
PU
(UNIT,
SET, M)
PS*
PG
Weight
per PU
approx.
Operational
current Ie
Ratings of
AC loads
(p.f. = 0.95)
at 50 Hz and
Order No.
Price
per PU
400 V
A
kW
V
kg
For screw and snap-on mounting onto 35 mm standard mounting rails
3RT13 36-1A.00
3RT13 4.-1A.00
AC operation
Size S2
60 / 55
39 / 36
24 AC, 50 Hz
B
3RT13 36-1AB00
1
1 unit
101
0.989
110 AC, 50 Hz B
3RT13 36-1AF00
1
1 unit
101
0.994
230 AC, 50 Hz }
3RT13 36-1AP00
1
1 unit
101
0.985
Size S3
110 / 100
72 / 66
24 AC, 50 Hz
B
3RT13 44-1AB00
1
1 unit
101
2.200
110 AC, 50 Hz B
3RT13 44-1AF00
1
1 unit
101
2.194
230 AC, 50 Hz }
3RT13 44-1AP00
1
1 unit
101
2.170
140 / 120
92 / 79
24 AC, 50 Hz
B
3RT13 46-1AB00
1
1 unit
101
2.188
110 AC, 50 Hz B
3RT13 46-1AF00
1
1 unit
101
2.208
230 AC, 50 Hz }
3RT13 46-1AP00
1
1 unit
101
2.168
DC operation · DC solenoid system
Size S00
18 / 16
12 / 11
24 DC
}
3RT13 16-1BB40
1
1 unit
101
0.264
220 DC
B
3RT13 16-1BM40
1
1 unit
101
0.262
22 / 20
14.5 / 13
24 DC
}
3RT13 17-1BB40
1
1 unit
101
0.263
220 DC
B
3RT13 17-1BM40
1
1 unit
101
0.260
Size S0
35 / 301)
22 / 20
24 DC
}
3RT13 25-1BB40
1
1 unit
101
0.624
220 DC
B
3RT13 25-1BM40
1
1 unit
101
0.628
40 / 351)
26 / 23
24 DC
}
3RT13 26-1BB40
1
1 unit
101
0.625
220 DC
B
3RT13 26-1BM40
1
1 unit
101
0.630
Size S2
60 / 55
39 / 36
24 DC
}
3RT13 36-1BB40
1
1 unit
101
1.576
220 DC
B
3RT13 36-1BM40
1
1 unit
101
1.591
Size S3
110 / 100
72 / 66
24 DC
B
3RT13 44-1BB40
1
1 unit
101
3.183
220 DC
B
3RT13 44-1BM40
1
1 unit
101
3.135
140 / 120
92 / 79
24 DC
B
3RT13 46-1BB40
1
1 unit
101
3.193
220 DC
B
3RT13 46-1BM40
1
1 unit
101
3.134
Size S00: snap-on auxiliary switch blocks according to EN 50005
Sizes S0 to S3: snap-on auxiliary switch blocks according to EN 50012 and EN 50005
(for S0 max. 2 auxiliary contacts, please note information in the Catalog LV 1 T).
For other voltages, see page 3/29.
For accessories, see page 3/110.
For spare parts, see page 3/126.
* You can order this quantity or a multiple thereof.


Similar Part No. - 3RT10161BB41

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RT10161BB42 SIEMENS-3RT10161BB42 Datasheet
4Mb / 70P
   Controls ??Contactors and Contactor Assemblies
More results

Similar Description - 3RT10161BB41

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RT10161BB42 SIEMENS-3RT10161BB42 Datasheet
4Mb / 70P
   Controls ??Contactors and Contactor Assemblies
3RT10171BB41 SIEMENS-3RT10171BB41 Datasheet
4Mb / 70P
   Controls ??Contactors and Contactor Assemblies
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
   Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
Littelfuse
SCR430T LITTELFUSE-SCR430T Datasheet
321Kb / 2P
   Flashers and Tower Lighting Controls Tower and Obstruction Lighting Controls
Rev: 1-A-062316
logo
MERITEK ELECTRONICS COR...
RD MERITEK-RD Datasheet
130Kb / 2P
   industrial controls and instrumentation
logo
Littelfuse
AF0100 LITTELFUSE-AF0100 Datasheet
347Kb / 1P
   Protection Relays and Controls
logo
List of Unclassifed Man...
LC1K0910F7 ETC2-LC1K0910F7 Datasheet
5Mb / 56P
   TeSys짰 IEC Contactors and Starters
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
logo
Texas Instruments
DP83848C TI1-DP83848C_15 Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com