Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RT10161BB41 Datasheet(PDF) 17 Page - Siemens Semiconductor Group

Part # 3RT10161BB41
Description  Controls ??Contactors and Contactor Assemblies
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RT10161BB41 Datasheet(HTML) 17 Page - Siemens Semiconductor Group

Back Button 3RT10161BB41 Datasheet HTML 13Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 14Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 15Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 16Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 17Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 18Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 19Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 20Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 21Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
3RT, 3TB, 3TF Contactors for Switching Motors
3RT10 contactors, 3-pole, 3 ... 250 kW
3/17
Siemens LV 1 · 2006
AC operation
Cage Clamp terminals
3RT10 3.-3A.00
Rated data
Auxiliary contacts
Rated control
supply
voltage Us at
50 Hz
DT
Cage Clamp terminals
for coil connections
PU
(UNIT,
SET, M)
PS*
PG
Weight
per PU
approx.
AC-2 and AC-3,
Tu: up to 60 °C
AC-1,
Tu: 40 °C
Opera-
tional cur-
rent Ie
up to
Rating of
induction
motors at
50 Hz and
Opera-
tional cur-
rent Ie
up to
Ident.
No.
Version
Order No.
Price
per PU
400 V
A
kW
AV AC
kg
For screw and snap-on mounting onto
35 mm standard mounting rail
Size S2
32
15
50
--
--
--
24
B
3RT10 34-3AB00
1
1 unit
101
0.808
--
--
--
110
B
3RT10 34-3AF00
1
1 unit
101
0.815
--
--
--
230
}
3RT10 34-3AP00
1
1 unit
101
0.811
40
18.5
60
--
--
--
24
B
3RT10 35-3AB00
1
1 unit
101
0.836
--
--
--
110
B
3RT10 35-3AF00
1
1 unit
101
0.837
--
--
--
230
}
3RT10 35-3AP00
1
1 unit
101
0.834
50
22
60
--
--
--
24
B
3RT10 36-3AB00
1
1 unit
101
0.839
--
--
--
110
B
3RT10 36-3AF00
1
1 unit
101
0.831
--
--
--
230
}
3RT10 36-3AP00
1
1 unit
101
0.837
For other voltages, see page 3/29.
For accessories, see page 3/112.
For spare parts, see page 3/127.
For multi-unit packing and reusable packaging, see Appendix -> Ordering Notes.
* You can order this quantity or a multiple thereof.


Similar Part No. - 3RT10161BB41

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RT10161BB42 SIEMENS-3RT10161BB42 Datasheet
4Mb / 70P
   Controls ??Contactors and Contactor Assemblies
More results

Similar Description - 3RT10161BB41

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RT10161BB42 SIEMENS-3RT10161BB42 Datasheet
4Mb / 70P
   Controls ??Contactors and Contactor Assemblies
3RT10171BB41 SIEMENS-3RT10171BB41 Datasheet
4Mb / 70P
   Controls ??Contactors and Contactor Assemblies
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
   Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
Littelfuse
SCR430T LITTELFUSE-SCR430T Datasheet
321Kb / 2P
   Flashers and Tower Lighting Controls Tower and Obstruction Lighting Controls
Rev: 1-A-062316
logo
MERITEK ELECTRONICS COR...
RD MERITEK-RD Datasheet
130Kb / 2P
   industrial controls and instrumentation
logo
Littelfuse
AF0100 LITTELFUSE-AF0100 Datasheet
347Kb / 1P
   Protection Relays and Controls
logo
List of Unclassifed Man...
LC1K0910F7 ETC2-LC1K0910F7 Datasheet
5Mb / 56P
   TeSys짰 IEC Contactors and Starters
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
logo
Texas Instruments
DP83848C TI1-DP83848C_15 Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com