Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RT10161BB41 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # 3RT10161BB41
Description  Controls ??Contactors and Contactor Assemblies
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RT10161BB41 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  3RT10161BB41 Datasheet HTML 1Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 2Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 3Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 4Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 5Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 6Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 7Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 8Page - Siemens Semiconductor Group 3RT10161BB41 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
Controls — Contactors and Contactor Assemblies
Introduction
3/3
Siemens LV 1 · 2006
S3
3RT1. 4
S6
3RT1. 5
S10
3RT1. 6
S12
3RT1. 7
14
3TF6
3RT10 44
3RT10 45
3RT10 46
3RT10 54 3RT10 55
3RT10 56
3RT10 64 3RT10 65 3RT10 66 3RT10 75
3RT10 76
--
(p. 3/18, 3/24)
(p. 3/26)
(p. 3/26)
(p. 3/26)
--
--
3RT12 64
(p. 3/30)
3RT12 65 3RT12 66 3RT12 75
(p. 3/30)
3RT12 76
3TF68
(p. 3/32)
3TF69
65
80
95
115
150
185
225
265
300
400
500
630
820
30
37
45
55
75
90
110
132
160
200
250
335
450
18.5
37
45
30
22
45
55
37
22
55
55
37
37
75
110
75
45
90
132
90
55
110
160
90
55
160
200
90/315
75
160
250
132/355
90
200
250
132/400
132
250
400
250/560
160
355
400/500
250/710
200
434
600
600
260
600
800
800
30
15.1
37
17.9
45
22
55
29
75
38
90
45
110
54/78
132
66/93
160
71/112
200
84/140
250
98/161
355
168
400
191
100
120
120
160
185
215
275/330
330
330
430/610
610
700
910
3RT14 46
(p. 3/56)
3RT14 56
(p. 3/57)
3RT14 66
(p. 3/57)
3RT14 76 (p. 3/57)
--
140
275
400
690
--
--
3TY7 561
(p. 3/135)
3RT19 46-4EA1/2
(p. 3/124)
3RT19 56-4EA1/2/3
(p. 3/124)
3RT19 66-4EA1/2/3
(p. 3/124)
3TX7 686/696 (p. 3/135)
--
3RT19 55/56-4G
(p. 3/124)
3RT19 66-4G
(p. 3/124)
--
3RT19 56-1C (RC element) (p. 3/120)
3TX7 572
(p. 3/134)
3RU11 46
18 ... 100 A (Chapter 5)
--
--
--
--
3RB20 46
3RB21 46
12.5 ... 100 A (Chap. 5)
3RB20 56
3RB21 56
50 ... 200 A (Chapter 5) 3RB20 66
3RB21 66
55 ... 630 A
(Chapter 5)
3RB20 66
3RB21 66
160 ... 630 A
(Chapter 5)
3RB20 66
3RB21 66
160 ... 630 A
(Chapter 5)
3RB2. 83 + 3RB29 56
3RB2. 83 + 3RB29 66
20 ... 200 A (Chapter 5)
63 ... 630 A (Chapter 5)
3RV10 41
45 ... 100 A (Chapter 5)
--
--
--
--
3RA19 41 (Chapter 5)
--
--
--
--
3RA13 44
(p. 3/42)
3RA13 45
3RA13 46
--
--
--
3TD68 04
(p. 3/54)
30
37
45
55
75
90
110
132
160
200
250
335
3RA19 43-2A
(p. 3/44)
3RA19 53-2A
(p. 3/44)
3RA19 63-2A
(p. 3/44)
3RA19 73-2A (p. 3/44)
3TX7 680-1A
3RA19 54-2A
(p. 3/43)
3TX7 686-1A
3RA14 44
(p. 3/52)
3RA14 45
--
--
--
3TE68 04
(p. 3/55)
55
75
--
--
--
630
3RA19 43-2B/-2C
(p. 3/53)
3RA19 53-2B
(p. 3/53)
3RA19 63-2B
(p. 3/53)
3RA19 73-2B (p. 3/53)
3TX7 680-1B


Similar Part No. - 3RT10161BB41

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RT10161BB42 SIEMENS-3RT10161BB42 Datasheet
4Mb / 70P
   Controls ??Contactors and Contactor Assemblies
More results

Similar Description - 3RT10161BB41

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RT10161BB42 SIEMENS-3RT10161BB42 Datasheet
4Mb / 70P
   Controls ??Contactors and Contactor Assemblies
3RT10171BB41 SIEMENS-3RT10171BB41 Datasheet
4Mb / 70P
   Controls ??Contactors and Contactor Assemblies
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
   Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
Littelfuse
SCR430T LITTELFUSE-SCR430T Datasheet
321Kb / 2P
   Flashers and Tower Lighting Controls Tower and Obstruction Lighting Controls
Rev: 1-A-062316
logo
MERITEK ELECTRONICS COR...
RD MERITEK-RD Datasheet
130Kb / 2P
   industrial controls and instrumentation
logo
Littelfuse
AF0100 LITTELFUSE-AF0100 Datasheet
347Kb / 1P
   Protection Relays and Controls
logo
List of Unclassifed Man...
LC1K0910F7 ETC2-LC1K0910F7 Datasheet
5Mb / 56P
   TeSys짰 IEC Contactors and Starters
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
logo
Texas Instruments
DP83848C TI1-DP83848C_15 Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com