Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6680 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDS6680
Description  Single N-Channel Logic Level PWM Optimized PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6680 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS6680 Datasheet HTML 1Page - Fairchild Semiconductor FDS6680 Datasheet HTML 2Page - Fairchild Semiconductor FDS6680 Datasheet HTML 3Page - Fairchild Semiconductor FDS6680 Datasheet HTML 4Page - Fairchild Semiconductor FDS6680 Datasheet HTML 5Page - Fairchild Semiconductor FDS6680 Datasheet HTML 6Page - Fairchild Semiconductor FDS6680 Datasheet HTML 7Page - Fairchild Semiconductor FDS6680 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDS6680 Rev.E1
0
10
20
30
40
0
2
4
6
8
10
Q
, GATE CHARGE (nC)
g
I
= 11.5A
D
V
= 10V
DS
15V
20V
0.1
0.2
0.5
1
2
5
10
30
50
0.01
0.1
1
3
10
20
50
100
V
, DRAIN-SOURCE VOLTAGE (V)
DS
1s
100ms
10s
10ms
RDS(ON)
LIMIT
1ms
100us
DC
V
= 10V
SINGLE PULSE
R
= See Note 1c
T
= 25°C
GS
A
θJA
0.001
0.01
0.1
1
10
100
300
0
10
20
30
40
50
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=See Note 1c
T = 25°C
θJA
A
Figure 10. Single Pulse Maximum Power
Dissipation.
0.1
0.2
0.5
1
2
5
10
20
30
100
200
500
1000
2000
3000
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
Ciss
f = 1 MHz
V
= 0V
GS
Coss
Crss
Figure 8. Capacitance Characteristics.
Figure 7. Gate Charge Characteristics.
Figure 9. Maximum Safe Operating Area.
Typical Electrical And Thermal Characteristics
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t /t
1
2
R
(t) = r(t) * R
R
=See Note 1c
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.


Similar Part No. - FDS6680

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
FDS6680 UMW-FDS6680 Datasheet
408Kb / 6P
   30V N-Channel MOSFET
logo
Fairchild Semiconductor
FDS6680A FAIRCHILD-FDS6680A Datasheet
102Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDS6680A FAIRCHILD-FDS6680A Datasheet
202Kb / 5P
   Single N-Channel, Logic Level, PowerTrench짰 MOSFET
logo
Guangdong Youtai Semico...
FDS6680A UMW-FDS6680A Datasheet
408Kb / 6P
   30V N-Channel MOSFET
logo
Fairchild Semiconductor
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
More results

Similar Description - FDS6680

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4410 FAIRCHILD-FDS4410 Datasheet
241Kb / 8P
   Single N-Channel Logic Level PWM Optimized PowerTrenchTM MOSFET
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDR4420A FAIRCHILD-FDR4420A Datasheet
224Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6670A FAIRCHILD-FDS6670A Datasheet
242Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6690A FAIRCHILD-FDS6690A Datasheet
457Kb / 6P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6690 FAIRCHILD-FDS6690 Datasheet
203Kb / 8P
   Single N-Channel Logic Level PWM Optimized PowerTrench MOSFET
SI4884DY FAIRCHILD-SI4884DY Datasheet
94Kb / 5P
   Single N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com