Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

rfPIC12F675K Datasheet(PDF) 63 Page - Microchip Technology

Part # rfPIC12F675K
Description  FLASH-Based Microcontroller with ASK/FSK Transmitter
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

rfPIC12F675K Datasheet(HTML) 63 Page - Microchip Technology

Back Button rfPIC12F675K Datasheet HTML 59Page - Microchip Technology rfPIC12F675K Datasheet HTML 60Page - Microchip Technology rfPIC12F675K Datasheet HTML 61Page - Microchip Technology rfPIC12F675K Datasheet HTML 62Page - Microchip Technology rfPIC12F675K Datasheet HTML 63Page - Microchip Technology rfPIC12F675K Datasheet HTML 64Page - Microchip Technology rfPIC12F675K Datasheet HTML 65Page - Microchip Technology rfPIC12F675K Datasheet HTML 66Page - Microchip Technology rfPIC12F675K Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 136 page
background image
 2003-2013 Microchip Technology Inc.
Preliminary
DS70091B-page 63
rfPIC12F675
TABLE 10-7:
INITIALIZATION CONDITION FOR REGISTERS
Register
Address
Power-on
Reset
• MCLR Reset during
normal operation
• MCLR Reset during SLEEP
• WDT Reset
• Brown-out Detect(1)
• Wake-up from SLEEP
through interrupt
• Wake-up from SLEEP
through WDT time-out
W
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
00h/80h
TMR0
01h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
02h/82h
0000 0000
0000 0000
PC + 1(3)
STATUS
03h/83h
0001 1xxx
000q quuu(4)
uuuq quuu(4)
FSR
04h/84h
xxxx xxxx
uuuu uuuu
uuuu uuuu
GPIO
05h
--xx xxxx
--uu uuuu
--uu uuuu
PCLATH
0Ah/8Ah
---0 0000
---0 0000
---u uuuu
INTCON
0Bh/8Bh
0000 0000
0000 000u
uuuu uuqq(2)
PIR1
0Ch
00-- 0--0
00-- 0--0
qq-- q--q(2,5)
T1CON
10h
-000 0000
-uuu uuuu
-uuu uuuu
CMCON
19h
-0-0 0000
-0-0 0000
-u-u uuuu
ADRESH
1Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
1Fh
00-- 0000
00-- 0000
uu-- uuuu
OPTION_REG
81h
1111 1111
1111 1111
uuuu uuuu
TRISIO
85h
--11 1111
--11 1111
--uu uuuu
PIE1
8Ch
00-- 0--0
00-- 0--0
uu-- u--u
PCON
8Eh
---- --0x
---- --uu(1,6)
---- --uu
OSCCAL
90h
1000 00--
1000 00--
uuuu uu--
WPU
95h
--11 -111
--11 -111
uuuu uuuu
IOC
96h
--00 0000
--00 0000
--uu uuuu
VRCON
99h
0-0- 0000
0-0- 0000
u-u- uuuu
EEDATA
9Ah
0000 0000
0000 0000
uuuu uuuu
EEADR
9Bh
-000 0000
-000 0000
-uuu uuuu
EECON1
9Ch
---- x000
---- q000
---- uuuu
EECON2
9Dh
---- ----
---- ----
---- ----
ADRESL
9Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
ANSEL
9Fh
-000 1111
-000 1111
-uuu uuuu
Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1: If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2: One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
3: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt
vector (0004h).
4: See Table 10-6 for RESET value for specific condition.
5: If wake-up was due to data EEPROM write completing, Bit 7 = 1; A/D conversion completing, Bit 6 = 1;
Comparator input changing, bit 3 = 1; or Timer1 rolling over, bit 0 = 1. All other interrupts generating a
wake-up will cause these bits to = u.
6: If RESET was due to brown-out, then bit 0 = 0. All other RESETS will cause bit 0 = u.


Similar Part No. - rfPIC12F675K

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RFPIC12F675K MICROCHIP-RFPIC12F675K Datasheet
2Mb / 136P
   20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
2003
More results

Similar Description - rfPIC12F675K

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR862-4 ATMEL-ATAR862-4 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-8 ATMEL-ATAR862-8 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-4 ATMEL-ATAR862-4_06 Datasheet
1Mb / 112P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R4 ATMEL-T48C862-R4 Datasheet
998Kb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5771 ATMEL-ATA5771 Datasheet
5Mb / 284P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8741 ATMEL-ATA8741 Datasheet
3Mb / 238P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3 Datasheet
1Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8743 ATMEL-ATA8743_14 Datasheet
6Mb / 215P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R3 ATMEL-T48C862-R3 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-8 ATMEL-ATAM862-8 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com