Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14950A Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX14950A
Description  Single-Lane PCIe Equalizer/Redriver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14950A Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX14950A Datasheet HTML 7Page - Maxim Integrated Products MAX14950A Datasheet HTML 8Page - Maxim Integrated Products MAX14950A Datasheet HTML 9Page - Maxim Integrated Products MAX14950A Datasheet HTML 10Page - Maxim Integrated Products MAX14950A Datasheet HTML 11Page - Maxim Integrated Products MAX14950A Datasheet HTML 12Page - Maxim Integrated Products MAX14950A Datasheet HTML 13Page - Maxim Integrated Products MAX14950A Datasheet HTML 14Page - Maxim Integrated Products MAX14950A Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MAX14950A
Single-Lane PCIe Equalizer/Redriver
11
Maxim Integrated
Typical Operating Characteristics (continued)
(VCC = +3.3V, TA = +25NC, unless otherwise noted.)
INEQ0 = INEQ1 = 0, VIN = 200mVP-P,
OEQ0 = 0, OEQ1 = 0, OEQ2 = 1,
DATA RATE = 8GT/s
400
600
200
0
-200
-400
-600
-100
-50
0
50
100
MAX14950A toc25
TIME (ps)
INEQ0 = INEQ1 = 0, VIN = 200mVP-P,
OEQ0 = 1, OEQ1 = 1, OEQ2 = 1,
DATA RATE = 8GT/s
400
600
200
0
-200
-400
-600
-100
-50
0
50
100
MAX14950A toc28
TIME (ps)
INEQ0 = INEQ1 = 0, VIN = 200mVP-P,
OEQ0 = 1, OEQ1 = 0, OEQ2 = 1,
DATA RATE = 8GT/s
400
600
200
0
-200
-400
-600
-100
-50
0
50
100
MAX14950A toc26
TIME (ps)
INEQ0 = 0, INEQ1 = 0, VIN = 500mVP-P,
OEQ0 = OEQ1 = OEQ2 = 0, 6in. MICROSTRIP
ON INPUT, DATA RATE = 8GT/s
400
600
200
0
-200
-400
-600
-100
-50
0
50
100
MAX14950A toc29
TIME (ps)
INEQ0 = INEQ1 = 0, VIN = 200mVP-P,
OEQ0 = 0, OEQ1 = 1, OEQ2 = 1,
DATA RATE = 8GT/s
400
600
200
0
-200
-400
-600
-100
-50
0
50
100
MAX14950A toc27
TIME (ps)
INEQ0 = 1, INEQ1 = 0, VIN = 500mVP-P,
OEQ0 = OEQ1 = OEQ2 = 0, 12in. MICROSTRIP
ON INPUT, DATA RATE = 8GT/s
400
600
200
0
-200
-400
-600
-100
-50
0
50
100
MAX14950A toc30
TIME (ps)


Similar Part No. - MAX14950A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14950 MAXIM-MAX14950 Datasheet
3Mb / 17P
   Quad PCI Express Equalizer/Redriver
Rev 1; 11/12
MAX14950CTO++ MAXIM-MAX14950CTO+ Datasheet
3Mb / 17P
   Quad PCI Express Equalizer/Redriver
Rev 1; 11/12
More results

Similar Description - MAX14950A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE504 TI1-SN65LVPE504_13 Datasheet
3Mb / 20P
[Old version datasheet]   Quad Channel (Half X4 Lane) PCIe Redriver/Equalizer
logo
Pericom Semiconductor C...
PI3EQX5801 PERICOM-PI3EQX5801 Datasheet
749Kb / 1P
   5.0Gbps, 1-Lane, PCIe 2.0 ReDriver
logo
Texas Instruments
SN65LVPE501 TI1-SN65LVPE501 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel x1 PCIe Redriver/Equalizer
logo
Pericom Semiconductor C...
PI2EQX862 PERICOM-PI2EQX862 Datasheet
788Kb / 1P
   PCIe 3.0/SATA3.0, 1-Lane, Combo ReDriver
logo
Texas Instruments
SN65LVPE504 TI-SN65LVPE504 Datasheet
2Mb / 16P
[Old version datasheet]   Quad Channel (Half x4 Lane) PCI Express Gen II Redriver/Equalizer
DS320PR1601 TI-DS320PR1601 Datasheet
2Mb / 44P
[Old version datasheet]   DS320PR1601 32 Gbps 16 Lane PCIe® 5.0, CXL 2.0 Linear Redriver
JUNE 2023
logo
Maxim Integrated Produc...
MAX14950 MAXIM-MAX14950 Datasheet
3Mb / 17P
   Quad PCI Express Equalizer/Redriver
Rev 1; 11/12
logo
Texas Instruments
SN65LVPE502 TI1-SN65LVPE502_12 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI1-SN65LVPE502CP_12 Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com