Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX34451EVKIT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX34451EVKIT
Description  Easy Evaluation of the MAX34451
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34451EVKIT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX34451EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX34451EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX34451EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX34451EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX34451EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX34451EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX34451EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX34451EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX34451EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Maxim Integrated │ 3
Evaluates: MAX34451
MAX34451 Evaluation Kit
www.maximintegrated.com
Quick Start
Required Equipment
● MAX34451EVkithardware
● WindowsXPorWindows7PC
● USBport
● Mini-USBcable(included)
Note: In the following sections, software-related items are
identified by
bolding. Text in bold refers to items directly
from the install or EV kit software. Text in
bold and under-
linedreferstoitemsfromtheWindowsoperatingsystem.
Procedure
TheEVkitisfullyassembledandtested.Followthesteps
below to verify board operation:
1) Ensure that jumpers/shunts on J23 and J1 are installed.
Note:TheGNDplanesoftheUSBI2Cdongleandthe
EV kit are not connected. The GND jumper on J23
must be connected for proper communication.
2) Ensurethatthe4-poleDIPswitchesRS(S5),PSEN
(S6),andPWM(S7)areintheonposition.
3) SettheEVkithardwareonanonconductivesurfaceto
ensurethatnothingonthePCBgetsshortedtogether.
4) Prior to starting the GUI, connect the EV kit hardware
toaPCusingthesuppliedMini-USBcable,orequiva-
lent.ThepowerLED(D20)shouldbegreenandthe
comLED(D21)shouldberedandslowlyflashorange.
5) Windows should automatically begin installing the
necessary device driver. The USB interface of the
EVkithardwareisconfiguredasanHIDdeviceand
therefore does not require a unique/custom device
driver. Once the driver installation is complete, a
Windows message appears near the
System Icon
menu,indicatingthatthehardwareisreadytouse.Do
not attempt to run the GUI prior to this message. If you
do, you must close the application and restart it once
thedriverinstallationiscomplete.Onsomeversions
ofWindows,administratorprivilegesmayberequired
toinstalltheUSBdevice.
6) Once the device driver installation is complete,
visit
www.maximintegrated.com/evkitsoftware to
download the latest version of the EV kit software,
MAX34451EVKitSoftwareInstall.ZIP. Save the EV kit
software to a temporary folder.
7) Openthe.ZIPfileanddouble-clickthe.EXEfiletorun
the installer. A message box stating:
The publisher
could not be verified. Are you sure you want to
run this software? may appear. If so, click Yes.
8) The installer GUI appears. Click
Next and then
Install.Oncecomplete,clickClose.
9) Go to
Start | All Programs. Look for the
MAX34451EVKitSoftware folder and click on the
MAX34451EVKitSoftware.EXEinsidethefolder.
10)When the GUI appears, the text to the left of
the Maxim logo should display
EV Kit Hardware
Connected.ThecomLED(D21)ontheEVkitboard
should turn green.
Detailed Description of Software
Software Startup
If the MAX34451 EV kit is connected when the software
is opened, the software first initializes the hardware to
communicate. The software then searches for all slave
addresses on the I2Cbusandconnectstothefirstvalid
slave address. The GUI displays
EV Kit Hardware
Connected to the left of the Maxim logo. If the EV kit
is not connected on software startup, then the GUI
populateswithdefaultEVkitvalues.OncetheEVkitis
connected, the GUI executes the sequence above.
Note: The .EXE file is downloaded as a .ZIP file.
*EP = Exposed pad.
FILE
DESCRIPTION
MAX34451EVKitSoftwareInstall.EXE Application program
DESIGNATION
QTY
DESCRIPTION
U20
1
Microcontroller(28SO)
MicrochipPIC18LF2550-I/SO
U21
1
50mAto600mAcurrent-limit
switch(6SOT23)
Maxim MAX4995AAUT+
DESIGNATION
QTY
DESCRIPTION
X1
1
48MHz,3.3Voscillator(SMD)
AVXKC3225A48.0000C30E00
9
Jumpers/shunts
1
Mini-USBcable
1
PCB:MAX34451EVKit
Component List (continued)
MAX34451 EV Kit Files


Similar Part No. - MAX34451EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34451ETNA2++ MAXIM-MAX34451ETNA2+ Datasheet
2Mb / 76P
   PMBus 16-Channel V/I Monitor and 12-Channel Sequencer/Marginer
19-6642; Rev 9; 10/19
MAX34451ETNA2+T MAXIM-MAX34451ETNA2+T Datasheet
2Mb / 76P
   PMBus 16-Channel V/I Monitor and 12-Channel Sequencer/Marginer
19-6642; Rev 9; 10/19
MAX34451ETNA3++ MAXIM-MAX34451ETNA3+ Datasheet
2Mb / 76P
   PMBus 16-Channel V/I Monitor and 12-Channel Sequencer/Marginer
19-6642; Rev 9; 10/19
MAX34451ETNA3+T MAXIM-MAX34451ETNA3+T Datasheet
2Mb / 76P
   PMBus 16-Channel V/I Monitor and 12-Channel Sequencer/Marginer
19-6642; Rev 9; 10/19
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 14 MAX34451ETNA4+** ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com