Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4428A Datasheet(PDF) 1 Page - Microchip Technology

Part # TC4428A
Description  1.5A Dual High-Speed Power MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4428A Datasheet(HTML) 1 Page - Microchip Technology

  TC4428A Datasheet HTML 1Page - Microchip Technology TC4428A Datasheet HTML 2Page - Microchip Technology TC4428A Datasheet HTML 3Page - Microchip Technology TC4428A Datasheet HTML 4Page - Microchip Technology TC4428A Datasheet HTML 5Page - Microchip Technology TC4428A Datasheet HTML 6Page - Microchip Technology TC4428A Datasheet HTML 7Page - Microchip Technology TC4428A Datasheet HTML 8Page - Microchip Technology TC4428A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2002-2012 Microchip Technology Inc.
DS21423G-page 1
TC4426A/TC4427A/TC4428A
Features:
• High Peak Output Current – 1.5A
• Wide Input Supply Voltage Operating Range:
- 4.5V to 18V
• High Capacitive Load Drive Capability – 1000 pF
in 25 ns (typ.)
• Short Delay Times – 30 ns (typ.)
• Matched Rise, Fall and Delay Times
• Low Supply Current:
- With Logic ‘1’ Input – 1 mA (typ.)
- With Logic ‘0’ Input – 100
A (typ.)
• Low Output Impedance – 7
(typ.)
• Latch-Up Protected: Will Withstand 0.5A Reverse
Current
• Input Will Withstand Negative Inputs Up to 5V
• ESD Protected – 4 kV
• Pin-compatible with TC426/TC427/TC428 and
TC4426/TC4427/TC4428
• Space-saving 8-Pin MSOP and 8-Pin 6x5 DFN
Packages
Applications:
• Switch Mode Power Supplies
• Line Drivers
• Pulse Transformer Drive
General Description:
The
TC4426A/TC4427A/TC4428A
are
improved
versions of the earlier TC4426/TC4427/TC4428 family
of MOSFET drivers. In addition to matched rise and fall
times, the TC4426A/TC4427A/TC4428A devices have
matched leading and falling edge propagation delay
times.
These devices are highly latch-up resistant under any
conditions within their power and voltage ratings. They
are not subject to damage when up to 5V of noise
spiking (of either polarity) occurs on the ground pin.
They can accept, without damage or logic upset, up to
500 mA of reverse current (of either polarity) being
forced back into their outputs. All terminals are fully
protected against Electrostatic Discharge (ESD) up to
4kV.
The TC4426A/TC4427A/TC4428A MOSFET drivers
can
easily
charge/discharge
1000 pF
gate
capacitances in under 30 ns. These devices provide
low enough impedances in both the on and off states to
ensure the MOSFET’s intended state will not be
affected, even by large transients.
Package Types
Note 1: Exposed pad of the DFN package is electrically isolated.
8-Pin DFN(1)
NC
IN A
GND
IN B
2
3
4
5
6
7
8
1
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
VDD
TC4426A
TC4427A
TC4426A TC4427A
NC
OUT A
OUT B
VDD
TC4426A
TC4427A
TC4428A
NC
OUT A
OUT B
VDD
TC4428A
TC4428A
NC
OUT A
OUT B
VDD
TC4426A TC4427A
NC
OUT A
OUT B
VDD
TC4428A
NC
OUT A
OUT B
VDD
8-Pin MSOP/
PDIP/SOIC
1.5A Dual High-Speed Power MOSFET Drivers


Similar Part No. - TC4428A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4428A TELCOM-TC4428A Datasheet
64Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4428A MICROCHIP-TC4428A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
TC4428A MICROCHIP-TC4428A Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4428ACMF MICROCHIP-TC4428ACMF Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4428ACMF713 MICROCHIP-TC4428ACMF713 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
More results

Similar Description - TC4428A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com