Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6912 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDS6912
Description  Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6912 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS6912 Datasheet HTML 1Page - Fairchild Semiconductor FDS6912 Datasheet HTML 2Page - Fairchild Semiconductor FDS6912 Datasheet HTML 3Page - Fairchild Semiconductor FDS6912 Datasheet HTML 4Page - Fairchild Semiconductor FDS6912 Datasheet HTML 5Page - Fairchild Semiconductor FDS6912 Datasheet HTML 6Page - Fairchild Semiconductor FDS6912 Datasheet HTML 7Page - Fairchild Semiconductor FDS6912 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDS6912 Rev E (W)
Typical Characteristics (continued)
0
2
4
6
8
10
04
8
12
16
Qg, GATE CHARGE (nC)
ID = 6.3A
VDS = 5V
10V
15V






     



DS
Ciss
f = 1 MHz
V
= 0V
GS
Coss
C rss



Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.1
0.2
0.5
1
2
5
10
20
0.01
0.05
0.5
2
10
20
100
V
, DRAIN-SOURCE VOLTAGE (V)
DS
1s
100
ms
10s
10m
s
RD
S(O
N) LI
MIT
1m
s
100u
s
DC
V
= 10V
SINGLE PULSE
R
= 135 °C/W
T
= 25°C
GS
A
θJA
    
SINGLE PULSE
R
= 135°C/W
T = 25°
θJA
A
30
25
20
15
10
5
0
0.01
0.1
1
10
100
1000
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t /t
1
2
R
(t) = r(t) * R
R
= 135°C/W
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.


Similar Part No. - FDS6912

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6912 FAIRCHILD-FDS6912 Datasheet
76Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6912A FAIRCHILD-FDS6912A Datasheet
222Kb / 4P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6912A FAIRCHILD-FDS6912A Datasheet
121Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDS6912A UMW-FDS6912A Datasheet
387Kb / 6P
   30V Dual N-Channel MOSFET
logo
Fairchild Semiconductor
FDS6912A FAIRCHILD-FDS6912A_03 Datasheet
121Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
More results

Similar Description - FDS6912

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6812A FAIRCHILD-FDS6812A Datasheet
79Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6898AZ FAIRCHILD-FDS6898AZ_10 Datasheet
332Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6894A FAIRCHILD-FDS6894A Datasheet
82Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6892AZ FAIRCHILD-FDS6892AZ Datasheet
78Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6912_0007 FAIRCHILD-FDS6912_0007 Datasheet
76Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6898AZ_F085 FAIRCHILD-FDS6898AZ_F085 Datasheet
332Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6892A FAIRCHILD-FDS6892A Datasheet
80Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6898A FAIRCHILD-FDS6898A Datasheet
81Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6894AZ FAIRCHILD-FDS6894AZ Datasheet
77Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6898AZ FAIRCHILD-FDS6898AZ Datasheet
77Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com