Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG409BRU-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG409BRU-REEL7
Description  LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG409BRU-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  ADG409BRU-REEL7 Datasheet HTML 1Page - Analog Devices ADG409BRU-REEL7 Datasheet HTML 2Page - Analog Devices ADG409BRU-REEL7 Datasheet HTML 3Page - Analog Devices ADG409BRU-REEL7 Datasheet HTML 4Page - Analog Devices ADG409BRU-REEL7 Datasheet HTML 5Page - Analog Devices ADG409BRU-REEL7 Datasheet HTML 6Page - Analog Devices ADG409BRU-REEL7 Datasheet HTML 7Page - Analog Devices ADG409BRU-REEL7 Datasheet HTML 8Page - Analog Devices ADG409BRU-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADG408/ADG409
Rev. C | Page 3 of 16
SPECIFICATIONS
DUAL SUPPLY
VDD = 15 V, VSS = −15 V, GND = 0 V, unless otherwise noted.
Table 1.
B Version
T Version
Parameter
+25ºC
−40ºC to
+85ºC
+25ºC
−55ºC to
+125ºC
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
VSS to VDD
V
RON
40
40
Ω typ
VD = ±10 V, IS = −10 mA
100
125
100
125
Ω max
∆RON
15
15
Ω max
VD = +10 V, −10 V
LEAKAGE CURRENTS
Source Off Leakage IS (OFF)
±0.5
±50
±0.5
±50
nA max
VD = ±10 V, VS =
1
0 V; see
m
Figure 19
Drain Off Leakage ID (OFF)
VD = ±10 V; VS =
10 V; see
m
Figure 20
ADG408
±1
±100
±1
±100
nA max
ADG409
±1
±50
±1
±50
nA max
Channel On Leakage ID, IS (ON)
VS = VD = ±10 V; see Figure 21
ADG408
±1
±100
±1
±100
nA max
ADG409
±1
±50
±1
±50
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current
IINL or IINH
±10
±10
μA max
VIN = 0 or VDD
CIN, Digital Input Capacitance
8
8
pF typ
f = 1 MHz
DYNAMIC CHARACTERISTICS1
tTRANSITION
120
120
ns typ
RL = 300 Ω, CL = 35 pF;
250
250
ns max
VS1 = ±10 V, VS8 =
10 V; see
m
Figure 22
tOPEN
10
10
10
10
ns min
RL = 300 Ω, CL = 35 pF;
VS = 5 V; see Figure 23
tON (EN)
85
125
85
125
ns typ
RL = 300 Ω CL = 35 pF;
150
225
150
225
ns max
VS = 5 V; see Figure 24
tOFF (EN)
65
65
ns typ
RL = 300 Ω, CL = 35 pF;
150
150
ns max
VS = 5 V; see Figure 24
Charge Injection
20
20
pC typ
VS = 0 V, RS = 0 Ω, CL = 10 nF; see Figure 25
OFF Isolation
−75
−75
dB typ
RL = 1 kΩ, f = 100 kHz;
VEN = 0 V; see Figure 26
Channel-to-Channel Crosstalk
85
85
dB typ
RL = 1 kΩ, f = 100 kHz; see Figure 27
CS (OFF)
11
11
pF typ
f = 1 MHz
CD (OFF)
f = 1 MHz
ADG408
40
40
pF typ
ADG409
20
20
pF typ
CD, CS (ON)
f = 1 MHz
ADG408
54
54
pF typ
ADG409
34
34
pF typ


Similar Part No. - ADG409BRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG409BRUZ AD-ADG409BRUZ Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG409BRUZ-REEL7 AD-ADG409BRUZ-REEL7 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
More results

Similar Description - ADG409BRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG408 AD-ADG408_V01 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG408 AD-ADG408 Datasheet
223Kb / 11P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. A
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_10 Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406 Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG409 AD-ADG409_15 Datasheet
440Kb / 16P
   LC MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com