Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME0509SC Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # LME0509SC
Description  Isolated 250mW Single Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LME0509SC Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  LME0509SC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LME0509SC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LME0509SC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LME0509SC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KDC_LMEC_E03 Page 4 of 5
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
LME Series
Isolated 250mW Single Output DC/DC Converters
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2009 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339 3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore: Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 & ISO 14001 REGISTERED
PACKAGE SPECIFICATIONS (continued)
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
8 Pin DIP Tube
4 Pin SIP Tube
8 Pin DIP Package
4 Pin SIP Package
Tube Quantity : 35
Unless otherwise stated all dimensions in inches (mm ±0.5mm).
Tube length (8 Pin DIP) : 20.47 (520mm ±2mm).
Tube length (4 Pin SIP) : 20.47 (520mm ±2mm).
Unless otherwise stated all dimensions in inches (mm ±0.5mm).


Similar Part No. - LME0509SC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LME0509SC MURATA-LME0509SC Datasheet
183Kb / 4P
   LME Series Isolated 250mW Single Output DC/DC Converters
logo
Murata Power Solutions ...
LME0509SC MURATA-PS-LME0509SC Datasheet
142Kb / 4P
   Isolated 250mW Single Output DC-DC Converters
More results

Similar Description - LME0509SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
LME CANDD-LME Datasheet
168Kb / 2P
   Isolated 250mW Single Output DC-DC Converters
logo
Murata Power Solutions ...
LME MURATA-PS-LME Datasheet
142Kb / 4P
   Isolated 250mW Single Output DC-DC Converters
logo
Murata Manufacturing Co...
LME0305SC MURATA-LME0305SC Datasheet
183Kb / 4P
   LME Series Isolated 250mW Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
   Isolated 2W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com