Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG409BRZ-REEL1 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG409BRZ-REEL1
Description  LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG409BRZ-REEL1 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG409BRZ-REEL1 Datasheet HTML 7Page - Analog Devices ADG409BRZ-REEL1 Datasheet HTML 8Page - Analog Devices ADG409BRZ-REEL1 Datasheet HTML 9Page - Analog Devices ADG409BRZ-REEL1 Datasheet HTML 10Page - Analog Devices ADG409BRZ-REEL1 Datasheet HTML 11Page - Analog Devices ADG409BRZ-REEL1 Datasheet HTML 12Page - Analog Devices ADG409BRZ-REEL1 Datasheet HTML 13Page - Analog Devices ADG409BRZ-REEL1 Datasheet HTML 14Page - Analog Devices ADG409BRZ-REEL1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG408/ADG409
Rev. C | Page 11 of 16
TEST CIRCUITS
RON =V1/IDS
VS
SD
V1
IDS
Figure 18. On Resistance
S1
D
S2
S8
A
EN
GND
0.8V
IS (OFF)
VS
VD
VDD
VSS
VDD
VSS
Figure 19. IS (OFF)
ID (OFF)
S1
D
S2
S8
A
EN
GND
0.8V
VS
VD
VSS
VDD
VSS
VDD
Figure 20. ID (OFF)
S1
D
S8
A
EN
GND
2.4V
ID (ON)
VD
VS
VDD
VSS
VDD
VSS
Figure 21. ID (ON)
3V
0V
OUTPUT
tr < 20ns
tf < 20ns
ADDRESS
DRIVE (VIN)
tTRANSITION
tTRANSITION
50%
50%
90%
90%
OUTPUT
ADG4081
A0
A1
A2
50Ω
300Ω
GND
S1
S2–S7
S8
D
35pF
VIN
2.4V
EN
VDD
VSS
VDD
VSS
VS1
VS8
1SIMILAR CONNECTION FOR ADG409.
Figure 22. Switching Time of Multiplexer, tTRANSlTlON
OUTPUT
ADG4081
A0
A1
A2
50Ω
300Ω
GND
S1
S2–S7
S8
D
35pF
VIN
2.4V
EN
VDD
VSS
VDD
VSS
VS
1SIMILAR CONNECTION FOR ADG409.
3V
0V
OUTPUT
80%
80%
ADDRESS
DRIVE (VIN)
tOPEN
Figure 23. Break-Before-Make Delay, tOPEN


Similar Part No. - ADG409BRZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG409BRZ-REEL AD-ADG409BRZ-REEL Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG409BRZ-REEL7 AD-ADG409BRZ-REEL7 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
More results

Similar Description - ADG409BRZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG408 AD-ADG408_V01 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG408 AD-ADG408 Datasheet
223Kb / 11P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. A
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_10 Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406 Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG409 AD-ADG409_15 Datasheet
440Kb / 16P
   LC MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com