Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71BDF30-02PAJN Datasheet(PDF) 4 Page - Grayhill, Inc

Part # 71BDF30-02PAJN
Description  Multi-Deck Rotary Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

71BDF30-02PAJN Datasheet(HTML) 4 Page - Grayhill, Inc

  71BDF30-02PAJN Datasheet HTML 1Page - Grayhill, Inc 71BDF30-02PAJN Datasheet HTML 2Page - Grayhill, Inc 71BDF30-02PAJN Datasheet HTML 3Page - Grayhill, Inc 71BDF30-02PAJN Datasheet HTML 4Page - Grayhill, Inc 71BDF30-02PAJN Datasheet HTML 5Page - Grayhill, Inc 71BDF30-02PAJN Datasheet HTML 6Page - Grayhill, Inc 71BDF30-02PAJN Datasheet HTML 7Page - Grayhill, Inc 71BDF30-02PAJN Datasheet HTML 8Page - Grayhill, Inc 71BDF30-02PAJN Datasheet HTML 9Page - Grayhill, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Multi-Deck Rotary Switches
Ø 17,45
± 0,4
22,23 ± 0,4
0,51 ± 0,08 TYP.
6,00 + 0,00 –0,08
TERMINAL
NO. 1
OF
BUSHING
FLATS
C
L
Ø 4,00 ± 0,03
DIM. B REF.
STUD PROJECTION
(SEE CHARACTER-
ISTICS)
DIM. A ± 1,17
25,00 ± 0,51
8,00 ± 0,3
14,27
± 0,38
M7 X 0,75
THREAD
SEE NOTE
BELOW
C
L
C
L
C
L
2,79 ± 0,25
TYP.
10,46 ± 0,25
.0,38
± 0,03
TYP.
DIMENSIONS: Metric All dimensions are in millimeters
4mm Diameter Shaft: Style EF and ESF
Rear Views
30° Angle of Throw
30° and 36° Angle of Throw may be
interposed on either shaft diameter.
36° Angle of Throw
Approx.
Approx.
No. of
Dim.
Dim.
Weight
No. of
Dim.
Dim.
Weight
Decks
A
B
Grams
Decks
A
B
Grams
1
19,33
0,79
12
7
59,66
7,92
24
2
24,87
0,79
14
8
65,20
7,92
26
3
30,40
0,79
16
9
70,74
7,92
28
4
35,94
0,79
18
10
76,28
7,92
30
5
41,48
0,79
20
11
81,81
7,92
32
6
54,13
7,92
22
12
87,35
7,92
34
Grayhill part number and date code marked on detent cover label. Customer part number marked on request.
Note: Common location for a single pole per
deck switch. For common location on
two pole switches see circuit diagrams.
1
2
12
Ø 12,7
± 0,38
9,35
REF.
3,18 ± 0,25
TYP.
3,96 ± 0,25
TYP.
0,94 ± 0,13
TYP.
1,91 ± 0,13
TYP.
C
L
C
L
SEE
NOTE
C
L
C
L
7,62 ± 0,25
Ø 12,7
± 0,38
3,96 ± 0,25
TYP.
SEE
NOTE
9,35
REF.
3,18 ± 0,25
TYP.
0,94 ± 0,13
TYP.
1,91 ± 0,13
TYP.
C
L
C
L
C
L
C
L
7,62 ± 0,25
18,42
± 0,04
1
2
10
CIRCUIT DIAGRAMS: Standard, Military and Metric PC Mount
ONE POLE
TWO POLE
ONE POLE
TWO POLE
30° Angle
of Throw
36° Angle
of Throw
Circuit is Viewed From Shaft End and Shown in Position No. 1
10 9 8 7 6 543 2 1
11
12
C1
C2
C
L
10 9 8 7 6 5 43
1
11
12
OF BUSHING
KEYWAY OR
FLATS
C
L
C1
2
10 9 8 765 43 2 1
C1
OF BUSHING
KEYWAY OR
FLATS
C
L
10 9 8 765 43 2 1
C1
C2
C
L
Rotary
5


Similar Part No. - 71BDF30-02PAJN

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
71BD30-05-1-AJN GRAYHILL-71BD30-05-1-AJN Datasheet
363Kb / 14P
   Multi-Deck Rotary Switches
71BD36-3119 GRAYHILL-71BD36-3119 Datasheet
74Kb / 1P
   25,000 Cycles at 125 mA
More results

Similar Description - 71BDF30-02PAJN

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
71C2054 GRAYHILL-71C2054 Datasheet
49Kb / 1P
   Multi-Deck Rotary Switches
71ADF36-02-2-AJN GRAYHILL-71ADF36-02-2-AJN Datasheet
363Kb / 14P
   Multi-Deck Rotary Switches
57HS22-05-1-16N-C GRAYHILL-57HS22-05-1-16N-C Datasheet
152Kb / 4P
   Multi-Deck Rotary Switches
71BD30-05-1-AJN GRAYHILL-71BD30-05-1-AJN Datasheet
363Kb / 14P
   Multi-Deck Rotary Switches
56A36-01-1-10N-F GRAYHILL-56A36-01-1-10N-F Datasheet
72Kb / 4P
   Single Deck Rotary Switches
50M45-01-1-02N GRAYHILL-50M45-01-1-02N Datasheet
582Kb / 7P
   Single Deck Rotary Switches
56SDP30-01-2-AJS GRAYHILL-56SDP30-01-2-AJS Datasheet
72Kb / 4P
   Single Deck Rotary Switches
77-SERIES GRAYHILL-77-SERIES Datasheet
1Mb / 5P
   Single Deck Rotary Switches
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com