Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS8333C Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDS8333C
Description  30V N & P-Channel PowerTrench MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8333C Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDS8333C Datasheet HTML 1Page - Fairchild Semiconductor FDS8333C Datasheet HTML 2Page - Fairchild Semiconductor FDS8333C Datasheet HTML 3Page - Fairchild Semiconductor FDS8333C Datasheet HTML 4Page - Fairchild Semiconductor FDS8333C Datasheet HTML 5Page - Fairchild Semiconductor FDS8333C Datasheet HTML 6Page - Fairchild Semiconductor FDS8333C Datasheet HTML 7Page - Fairchild Semiconductor FDS8333C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDS8333C Rev C (W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Drain–Source Diode Characteristics and Maximum Ratings
VSD
Q1
VGS = 0 V, IS = 1.3 A
(Note 2)
0.8
1.2
Drain–Source Diode Forward
Voltage
Q2
VGS = 0 V, IS = –1.3 A
(Note 2)
0.8
–1.2
V
trr
Q1
IF = 4.1 A, diF/dt = 100 A/µs
16.3
Diode Reverse Recovery
Time
Q2
IF = –3.4 A, diF/dt = 100 A/µs
14.5
nS
Qrr
Q1
IF = 4.1 A, diF/dt = 100 A/µs
26.7
Diode Reverse Recovery
Charge
Q2
IF = –3.4 A, diF/dt = 100 A/µs
21.1
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a)
78°C/W when
mounted on a
0.5in
2 pad of 2
oz copper
b)
125°C/W when
mounted on a
0.02 in
2 pad of
2 oz copper
c)
135°C/W when
mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - FDS8333C

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDS8333C-NL VBSEMI-FDS8333C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - FDS8333C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6333C FAIRCHILD-FDC6333C Datasheet
98Kb / 8P
   30V N & P-Channel PowerTrench MOSFETs
FDG6335N FAIRCHILD-FDG6335N Datasheet
66Kb / 5P
   20V N & P-Channel PowerTrench MOSFETs
FDG6332C FAIRCHILD-FDG6332C Datasheet
93Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
FDC6420C FAIRCHILD-FDC6420C Datasheet
102Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
logo
First Silicon Co., Ltd
FTK3710 FS-FTK3710 Datasheet
896Kb / 6P
   30V NP Dual Channel MOSFETs
logo
FETek Technology Corp.
FKBB3909 FETEK-FKBB3909 Datasheet
1,012Kb / 9P
   30V NP Dual Channel MOSFETs
Ver : A
logo
First Silicon Co., Ltd
FTK3714NP FS-FTK3714NP Datasheet
1Mb / 4P
   30V NP Dual Channel MOSFETs
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com