Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9943 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9943
Description  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9943 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9943 Datasheet HTML 7Page - Analog Devices AD9943 Datasheet HTML 8Page - Analog Devices AD9943 Datasheet HTML 9Page - Analog Devices AD9943 Datasheet HTML 10Page - Analog Devices AD9943 Datasheet HTML 11Page - Analog Devices AD9943 Datasheet HTML 12Page - Analog Devices AD9943 Datasheet HTML 13Page - Analog Devices AD9943 Datasheet HTML 14Page - Analog Devices AD9943 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD9943/AD9944
Rev. B | Page 11 of 20
EQUIVALENT INPUT CIRCUITS
330
DVDD
DVSS
INPUT
Figure 4. Digital Inputs—SHP, SHD, DATACLK, CLOB, PBLK, SCK, SL
DVDD
DVSS
DRVSS
DRVDD
THREE-
STATE
DATA
DOUT
Figure 5. Data Outputs
AVDD
AVSS
AVSS
60
Figure 6. CCDIN (Pin 22)


Similar Part No. - AD9943

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9943KCPZ AD-AD9943KCPZ Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943KCPZRL AD-AD9943KCPZRL Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943 AD-AD9943_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
More results

Similar Description - AD9943

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9944 AD-AD9944_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943 AD-AD9943_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9807 AD-AD9807 Datasheet
240Kb / 24P
   Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
REV. 0
AD9945 AD-AD9945 Datasheet
222Kb / 16P
   Complete 12-Bit 40 MHz CCD Signal Processor
REV. A
ADDI7100 AD-ADDI7100 Datasheet
364Kb / 20P
   Complete, 12-Bit, 45 MHz CCD Signal Processor
REV. C
logo
Exar Corporation
XRD9820 EXAR-XRD9820 Datasheet
1Mb / 24P
   3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
logo
Agamem Microelectronic ...
AA88043 AGAMEM-AA88043 Datasheet
45Kb / 1P
   COMPLETE 10-Bit, 25MHz CCD SIGNAL PROCESSOR
logo
Analog Devices
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. A
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com