Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117-N Datasheet(PDF) 5 Page - Texas Instruments

Part # LM1117-N
Description  800mA Low-Dropout Linear Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1117-N Datasheet(HTML) 5 Page - Texas Instruments

  LM1117-N_13 Datasheet HTML 1Page - Texas Instruments LM1117-N_13 Datasheet HTML 2Page - Texas Instruments LM1117-N_13 Datasheet HTML 3Page - Texas Instruments LM1117-N_13 Datasheet HTML 4Page - Texas Instruments LM1117-N_13 Datasheet HTML 5Page - Texas Instruments LM1117-N_13 Datasheet HTML 6Page - Texas Instruments LM1117-N_13 Datasheet HTML 7Page - Texas Instruments LM1117-N_13 Datasheet HTML 8Page - Texas Instruments LM1117-N_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM1117-N
www.ti.com
SNOS412L – MAY 2004 – REVISED JULY 2012
LM1117 ELECTRICAL CHARACTERISTICS (continued)
Typicals and limits appearing in normal type apply for TJ = 25°C. Limits appearing in Boldface type apply over the entire
junction temperature range for operation, 0°C to 125°C.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
Quiescent Current
LM1117-1.8
5
10
mA
VIN ≤ 15V
LM1117-2.5
5
10
mA
VIN ≤ 15V
LM1117-2.85
VIN ≤ 10V
5
10
mA
LM1117-3.3
VIN ≤ 15V
5
10
mA
LM1117-5.0
VIN ≤ 15V
5
10
mA
Thermal Regulation
TA = 25°C, 30ms Pulse
0.01
0.1
%/W
Ripple Regulation
fRIPPLE =1 20Hz, VIN-VOUT = 3V VRIPPLE =
60
75
dB
1VPP
Adjust Pin Current
60
120
μA
Adjust Pin Current
10
≤ IOUT≤ 800mA,
Change
1.4V
≤ VIN-VOUT ≤ 10V
0.2
5
μA
Temperature Stability
0.5
%
Long Term Stability
TA = 125°C, 1000Hrs
0.3
%
RMS Output Noise
(% of VOUT), 10Hz ≤ f ≤10kHz
0.003
%
Thermal Resistance
3-Lead SOT-223
15.0
°C/W
Junction-to-Case
3-Lead TO-220
3.0
°C/W
3-Lead TO-252
10
°C/W
Thermal Resistance
3-Lead SOT-223 (No heat sink)
136
°C/W
Junction-to-Ambient
3-Lead TO-220 (No heat sink)
79
°C/W
(No air flow)
3-Lead TO-252(6) (No heat sink)
92
°C/W
3-Lead TO-263
55
°C/W
8-Lead LLP(7)
40
°C/W
(6)
Minimum pad size of 0.038in2
(7)
Thermal Performance for the LLP was obtained using JESD51-7 board with six vias and an ambient temperature of 22°C. For
information about improved thermal performance and power dissipation for the LLP, refer to Application Note AN-1187.
Copyright © 2004–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM1117-N


Similar Part No. - LM1117-N_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1117-N TI-LM1117-N_15 Datasheet
2Mb / 33P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
More results

Similar Description - LM1117-N_13

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI-SM74503_15 Datasheet
458Kb / 14P
[Old version datasheet]   SM74503 800mA Low-Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
   BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com