Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS8928A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDS8928A
Description  Dual N & P-Channel Enhancement Mode Field Effect Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8928A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS8928A Datasheet HTML 1Page - Fairchild Semiconductor FDS8928A Datasheet HTML 2Page - Fairchild Semiconductor FDS8928A Datasheet HTML 3Page - Fairchild Semiconductor FDS8928A Datasheet HTML 4Page - Fairchild Semiconductor FDS8928A Datasheet HTML 5Page - Fairchild Semiconductor FDS8928A Datasheet HTML 6Page - Fairchild Semiconductor FDS8928A Datasheet HTML 7Page - Fairchild Semiconductor FDS8928A Datasheet HTML 8Page - Fairchild Semiconductor FDS8928A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 1998
FDS8928A
Dual N & P-Channel Enhancement Mode Field Effect Transistor
General Description
Features
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Symbol
Parameter
N-Channel
P-Channel
Units
V
DSS
Drain-Source Voltage
30
-20
V
V
GSS
Gate-Source Voltage
8
-8
V
I
D
Drain Current - Continuous
(Note 1a)
5.5
-4
A
- Pulsed
20
-20
P
D
Power Dissipation for Dual Operation
2
W
Power Dissipation for Single Operation
(Note 1a)
1.6
(Note 1b)
1
(Note 1c)
0.9
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
FDS8928A Rev. B
SOIC-16
SOT-23
SuperSOT
TM-8
SO-8
SOT-223
SuperSOT
TM-6
These dual N- and P -Channel enhancement mode power
field effect transistors are produced using Fairchild's
proprietary, high cell density, DMOS technology. This very
high density process is especially tailored to minimize
on-state
resistance
and
provide
superior
switching
performance. These devices are particularly suited for low
voltage applications such as notebook computer power
management and other battery powered circuits where fast
switching, low in-line power loss, and resistance
to
transients are needed.
N-Channel 5.5 A,30 V, R
DS(ON)=0.030 @ VGS=4.5 V
R
DS(ON)=0.038 @ VGS=2.5 V.
P-Channel -4 A,-20 V, R
DS(ON)=0.055 @ VGS=-4.5 V
R
DS(ON)=0.072 @ VGS=-2.5 V.
High density cell design for extremely low R
DS(ON).
High power and current handling capability in a widely used
surface mount package.
Dual (N & P-Channel) MOSFET in surface mount package.
S1
D1
S2
G1
SO-8
D2
D2
D1
G2
FDS
8928A
pin 1
3
5
7
8
2
1
4
1
6
© 1998 Fairchild Semiconductor Corporation


Similar Part No. - FDS8928A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
FDS8926A-NL VBSEMI-FDS8926A-NL Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

Similar Description - FDS8928A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDH8320C FAIRCHILD-NDH8320C Datasheet
74Kb / 8P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDH8520C FAIRCHILD-NDH8520C Datasheet
228Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDH8521C FAIRCHILD-NDH8521C Datasheet
101Kb / 8P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDS9958 FAIRCHILD-NDS9958 Datasheet
360Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDC7001C ONSEMI-NDC7001C Datasheet
363Kb / 10P
   Field Effect Transistor - Dual, N & P-Channel, Enhancement Mode
December, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NDS8928 FAIRCHILD-NDS8928 Datasheet
354Kb / 13P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDS8958 FAIRCHILD-NDS8958 Datasheet
354Kb / 13P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDS9952A KEXIN-KDS9952A Datasheet
80Kb / 3P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
KDS8928A KEXIN-KDS8928A Datasheet
86Kb / 3P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
SI4539DY FAIRCHILD-SI4539DY Datasheet
240Kb / 9P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com