Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD660 Datasheet(PDF) 8 Page - Analog Devices

Part # AD660
Description  Monolithic 16-Bit Serial/Byte DACPORT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD660 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD660_08 Datasheet HTML 4Page - Analog Devices AD660_08 Datasheet HTML 5Page - Analog Devices AD660_08 Datasheet HTML 6Page - Analog Devices AD660_08 Datasheet HTML 7Page - Analog Devices AD660_08 Datasheet HTML 8Page - Analog Devices AD660_08 Datasheet HTML 9Page - Analog Devices AD660_08 Datasheet HTML 10Page - Analog Devices AD660_08 Datasheet HTML 11Page - Analog Devices AD660_08 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD660
Rev. B | Page 8 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
–VEE 1
+VCC 2
+VLL 3
DGND 4
REF OUT
24
REF IN
23
SPAN/BIPOLAR OFFSET
22
VOUT
21
DB7/DB15 5
AGND
20
DB6/DB14 6
LDAC
19
DB5/DB13 7
CLR
18
DB4/DB12 8
SER
17
DB3/DB11 9
HBE
16
DB2/DB10 10
LBE/CLEAR SELECT
15
DB1/DB9/DATADIR 11
CS
14
DB0/DB8/SIN 12
SOUT
13
AD660
TOP VIEW
(Not to Scale)
Figure 6. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−VEE
Negative Analog Supply Pin
2
+VCC
Positive Analog Supply Pin
3
+VLL
Digital Supply Pin
4
DGND
Digital Ground Reference Pin
5
DB7/DB15
DB7 and DB15 Byte Load Data Input Pin
6
DB6/DB14
DB6 and DB14 Byte Load Data Input Pin
7
DB5/DB13
DB5 and DB13 Byte Load Data Input Pin
8
DB4/DB12
DB4 and DB12 Byte Load Data Input Pin
9
DB3/DB11
DB3 and DB11 Byte Load Data Input Pin
10
DB2/DB10
DB2 and DB10 Byte Load Data Input Pin
11
DB1/DB9/DATADIR
DB1 and DB9 Byte Load Data Input Pin/MSB or LSB First Data Direction Serial Input Select Pin
12
DB0/DB8/SIN
DB0 and DB8 Byte Load Data Input Pin/Serial Data Input Pin
13
SOUT
Serial Data Output Pin
14
CS
Chip Select Pin
15
LBE/CLEAR SELECT
Low Byte Enable Pin/Unipolar or Bipolar Clear Select Pin
16
HBE
High Byte Enable Pin
17
SER
Serial Input Enable Pin
18
CLR
Output Clear Pin
19
LDAC
Load DAC Pin
20
AGND
Analog Ground Reference Pin
21
VOUT
Voltage Output Pin
22
SPAN/BIPOLAR OFFSET
Output Span Configuration Pin
23
REF IN
External Reference Voltage Input Pin
24
REF OUT
Internal Reference Voltage Output Pin


Similar Part No. - AD660_08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6600 AD-AD6600 Datasheet
303Kb / 24P
   Dual Channel, Gain-Ranging ADC with RSSI
REV. 0
AD6600 AD-AD6600 Datasheet
339Kb / 25P
   Dual Channel, Gain-Ranging
AD6600AST AD-AD6600AST Datasheet
303Kb / 24P
   Dual Channel, Gain-Ranging ADC with RSSI
REV. 0
AD6600AST AD-AD6600AST Datasheet
339Kb / 25P
   Dual Channel, Gain-Ranging
AD6600PCB AD-AD6600PCB Datasheet
303Kb / 24P
   Dual Channel, Gain-Ranging ADC with RSSI
REV. 0
More results

Similar Description - AD660_08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD660 AD-AD660 Datasheet
426Kb / 12P
   Monolithic 16-Bit Serial/Byte DACPORT
REV. A
AD660 AD-AD660_17 Datasheet
351Kb / 21P
   Monolithic 16-Bit Serial/Byte DACPORT
AD760 AD-AD760 Datasheet
324Kb / 12P
   16/18-Bit Self-Calibrating Serial/Byte DACPORT
REV. A
AD760 AD-AD760_15 Datasheet
327Kb / 12P
   16/18-Bit Self-Calibrating Serial/Byte DACPORT
REV. A
AD669 AD-AD669_15 Datasheet
426Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669BRZ AD-AD669BRZ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669SQ AD-AD669SQ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669 AD-AD669 Datasheet
460Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669ANZ AD-AD669ANZ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669ARZ AD-AD669ARZ Datasheet
426Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com