Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1016-2.6VCTTR Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1016-2.6VCTTR
Description  80 mA, Tiny CMOS LDO With Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1016-2.6VCTTR Datasheet(HTML) 5 Page - Microchip Technology

  TC1016-2.6VCTTR Datasheet HTML 1Page - Microchip Technology TC1016-2.6VCTTR Datasheet HTML 2Page - Microchip Technology TC1016-2.6VCTTR Datasheet HTML 3Page - Microchip Technology TC1016-2.6VCTTR Datasheet HTML 4Page - Microchip Technology TC1016-2.6VCTTR Datasheet HTML 5Page - Microchip Technology TC1016-2.6VCTTR Datasheet HTML 6Page - Microchip Technology TC1016-2.6VCTTR Datasheet HTML 7Page - Microchip Technology TC1016-2.6VCTTR Datasheet HTML 8Page - Microchip Technology TC1016-2.6VCTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
© 2005 Microchip Technology Inc.
DS21666B-page 5
TC1016
FIGURE 2-13:
Output Voltage vs. Output
Current.
FIGURE 2-14:
Shutdown Current vs. Input
Voltage.
FIGURE 2-15:
Power Supply Rejection
Ratio vs. Frequency.
FIGURE 2-16:
Output Voltage vs.
Temperature.
FIGURE 2-17:
Output Noise vs. Frequency.
FIGURE 2-18:
Power Supply Rejection
Ratio vs. Frequency.
2.787
2.788
2.789
2.790
2.791
2.792
2.793
2.794
2.795
2.796
2.797
0
1020304050
607080
Output Current (mA)
V
IN = 3.3V
V
IN = 6.0V
VOUT = 2.8V
0.000
0.050
0.100
0.150
0.200
0.250
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6.0
Input Voltage (V)
+125°C
+25°C
-80
-70
-60
-50
-40
-30
-20
-10
0 1.E+01
1.E+03
1.E+0 5
Frequency (Hz)
10
100
1K
10K
100K
1M
VINDC = 2.8V
VINAC = 100 mVp-p
VOUTDC = 1.8V
IOUT = 100 μA
COUT = 1 μF X7R Ceramic
2.789
2.790
2.791
2.792
2.793
2.794
2.795
2.796
2.797
2.798
-45
-20
5
30
55
80
105
130
Temperature (°C)
V
IN = 6.0V
V
IN = 3.3V
V
IN = 4.0V
V
OUT = 2.8V
0.01
0.1
1
10
100
10
100
1000
10000
100000
1000000
Frequency (Hz)
VIN = 4.0V
V
OUT = 3.0V
CIN = 1 μF
C
OUT = 1 μF
IOUT = 40 mA
-80
-70
-60
-50
-40
-30
-20
-10
0 10
1 000
1 00000
Frequency (Hz)
10
100
1K
10K
100K
1M
VINDC = 2.8V
VINAC = 100 mVp-p
VOUTDC = 1.8V
IOUT = 1 mA
COUT = 1 μF X7R Ceramic


Similar Part No. - TC1016-2.6VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1016-2.6VCTTR MICROCHIP-TC1016-2.6VCTTR Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
More results

Similar Description - TC1016-2.6VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016 MICROCHIP-TC1016 Datasheet
327Kb / 20P
   80MA TINY CMOS LDO WITH SHUTDOWN
2001
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com