Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1016-2.8VLTTR Datasheet(PDF) 11 Page - Microchip Technology

Part # TC1016-2.8VLTTR
Description  80 mA, Tiny CMOS LDO With Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1016-2.8VLTTR Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC1016-2.8VLTTR Datasheet HTML 7Page - Microchip Technology TC1016-2.8VLTTR Datasheet HTML 8Page - Microchip Technology TC1016-2.8VLTTR Datasheet HTML 9Page - Microchip Technology TC1016-2.8VLTTR Datasheet HTML 10Page - Microchip Technology TC1016-2.8VLTTR Datasheet HTML 11Page - Microchip Technology TC1016-2.8VLTTR Datasheet HTML 12Page - Microchip Technology TC1016-2.8VLTTR Datasheet HTML 13Page - Microchip Technology TC1016-2.8VLTTR Datasheet HTML 14Page - Microchip Technology TC1016-2.8VLTTR Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
© 2005 Microchip Technology Inc.
DS21666B-page 11
TC1016
5.0
THERMAL CONSIDERATIONS
5.1
Thermal Shutdown
Integrated
thermal-protection
circuitry
shuts
the
regulator
off
when
die
temperature
exceeds
approximately 160°C. The regulator remains off until
the die temperature drops to approximately 150°C.
5.2
Power Dissipation
The TC1016 is available in the SC-70 package. The
thermal resistance for the SC-70 package is approxi-
mately 450°C/W when the copper area used in the
PCB layout is similar to the JEDEC J51-7 high thermal
conductivity or Semi G42-88 standards. For applica-
tions with larger or thicker copper areas, the thermal
resistance can be lowered. See AN792 “A Method to
Determine How Much Power a SOT23 Can Dissipate in
an Application” (DS00792), for a method to determine
the thermal resistance for a particular application.
The TC1016 power dissipation capability is dependant
upon several variables: input voltage, output voltage,
load current, ambient temperature and maximum
junction temperature. The absolute maximum steady-
state junction temperature is rated at 125°C. The power
dissipation within the device is equal to:
EQUATION 5-1:
The V
IN x IGND term is typically very small when com-
pared to the (V
IN-VOUT) x ILOAD term simplifying the
power dissipation within the LDO to be:
EQUATION 5-2:
To
determine
the
maximum
power
dissipation
capability, the following equation is used:
EQUATION 5-3:
Given the following example:
Find:
1.
Internal power dissipation:
2.
Junction temperature:
3.
Maximum allowable dissipation:
In this example, the TC1016 dissipates approximately
82.2 mW and the junction temperature is raised 37°C
over the 55°C ambient to 92°C. The absolute maximum
power dissipation is 155 mW when given a maximum
ambient temperature of 55°C.
Input voltage, output voltage or load current limits can
also be determined by substituting known values in
Equation 5-2 and Equation 5-3.
5.3
Layout Considerations
The primary path for heat conduction out of the SC-70
package is through the package leads. Using heavy,
wide traces at the pads of the device will facilitate the
removal of heat within the package, thus lowering the
thermal resistance R
θJA. By lowering the thermal
resistance, the maximum internal power dissipation
capability of the package is increased.
FIGURE 5-1:
Suggested layout
P
D
V
IN
V
OUT
() I
LOAD
V
IN
I
GND
×
+
×
=
P
D
V
IN
V
OUT
() I
LOAD
×
=
P
DMAX
T
J_MAX
T
A_MAX
()
R
θ
JA
-------------------------------------------------
=
Where:
TJ_MAX = maximum junction temperature allowed
TA_MAX = the maximum ambient temperature allowed
R
θJA
= the thermal resistance from junction-to-air
VIN
= 3.0V to 4.1V
VOUT
= 2.8V ±2.5%
ILOAD
= 60 mA (output current)
TAMAX = 55°C (max. ambient temp.)
P
DMAX
V
IN_MAX
V
OUT_MIN
() I
LOA D
×
=
4.1V
2.8
0.975
()
×
() 60mA
×
=
82.2mW
=
T
J_MAX
P
DMAX
R
θ
JA
×
=
82.2mWatts
450
°C/W T
AMAX
+
×
=
92
°C
=
37
°C 55°C
+
=
P
D
T
J_MAX
T
A_MAX
R
θ
JA
--------------------------------------------
=
155mW
=
125
°C 55°C
450
°C/W
-----------------------------------
=
SHDN
U1
V
IN
V
OUT
GND
C1
C2


Similar Part No. - TC1016-2.8VLTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1016-2.8VLTTR MICROCHIP-TC1016-2.8VLTTR Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
More results

Similar Description - TC1016-2.8VLTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016 MICROCHIP-TC1016 Datasheet
327Kb / 20P
   80MA TINY CMOS LDO WITH SHUTDOWN
2001
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com