Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1108-2.8VDB Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1108-2.8VDB
Description  300mA CMOS LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1108-2.8VDB Datasheet(HTML) 3 Page - Microchip Technology

  TC1108-2.8VDB Datasheet HTML 1Page - Microchip Technology TC1108-2.8VDB Datasheet HTML 2Page - Microchip Technology TC1108-2.8VDB Datasheet HTML 3Page - Microchip Technology TC1108-2.8VDB Datasheet HTML 4Page - Microchip Technology TC1108-2.8VDB Datasheet HTML 5Page - Microchip Technology TC1108-2.8VDB Datasheet HTML 6Page - Microchip Technology TC1108-2.8VDB Datasheet HTML 7Page - Microchip Technology TC1108-2.8VDB Datasheet HTML 8Page - Microchip Technology TC1108-2.8VDB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
 2002-2012 Microchip Technology Inc.
DS21357C-page 3
TC1108
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
3.0
DETAILED DESCRIPTION
The TC1108 is a precision, fixed output LDO. Unlike
bipolar regulators, the TC1108’s supply current does
not increase with load current. In addition, VOUT
remains stable and within regulation over the entire
0mA to IOUTMAX operating load current range, (an
important consideration in RTC and CMOS RAM
battery back-up applications).
Figure 3-1 shows a typical application circuit.
FIGURE 3-1:
TYPICAL APPLICATION
CIRCUIT
3.1
Output Capacitor
A 1
F (min) capacitor from V
OUT to ground is required.
The output capacitor should have an effective series
resistance greater than 0.1
 and less than 5.0. A 1F
capacitor should be connected from VIN to GND if there
is more than 10 inches of wire between the regulator
and the AC filter capacitor, or if a battery is used as the
power source. Aluminum electrolytic or tantalum
capacitor types can be used. (Since many aluminum
electrolytic capacitors freeze at approximately -30°C,
solid tantalums are recommended for applications
operating below -25°C.) When operating from sources
other
than batteries, supply-noise rejection and
transient response can be improved by increasing the
value of the input and output capacitors and employing
passive filtering techniques.
Pin No.
(3-Pin SOT-223)
Symbol
Description
1VIN
Unregulated supply input.
2
GND
Ground terminal.
3VOUT
Regulated voltage output.
C1
1
μF
Battery
TC1108
1
2
3
VIN
VOUT
C2
1
μF
GND
VOUT
+
+
+


Similar Part No. - TC1108-2.8VDB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1108-25VDB MICROCHIP-TC1108-25VDB Datasheet
430Kb / 12P
   300mA CMOS LDO
2002
TC1108-28VDB MICROCHIP-TC1108-28VDB Datasheet
430Kb / 12P
   300mA CMOS LDO
2002
More results

Similar Description - TC1108-2.8VDB

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com