Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD795JR Datasheet(PDF) 8 Page - Analog Devices

Part # AD795JR
Description  Low Power, Low Noise Precision FET Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD795JR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD795JR Datasheet HTML 4Page - Analog Devices AD795JR Datasheet HTML 5Page - Analog Devices AD795JR Datasheet HTML 6Page - Analog Devices AD795JR Datasheet HTML 7Page - Analog Devices AD795JR Datasheet HTML 8Page - Analog Devices AD795JR Datasheet HTML 9Page - Analog Devices AD795JR Datasheet HTML 10Page - Analog Devices AD795JR Datasheet HTML 11Page - Analog Devices AD795JR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD795
Rev. C | Page 8 of 20
30
25
20
15
10
5
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
–OUTPUT CURRENT
+OUTPUT CURRENT
Figure 16. Short-Circuit Current Limit vs. Temperature
10
8
6
4
2
0
–2
–4
–6
–8
–10
34
5678
9
10
11
SETTLING TIME (µs)
ERROR
0.1%
0.01%
0.1%
0.01%
Figure 17. Output Swing and Error vs. Settling Time
1000
900
800
700
600
500
400
300
200
100
0
–15
–10
–5
0
5
10
15
INPUT COMMON-MODE VOLTAGE (V)
Figure 18. Absolute Input Error Voltage vs. Input Common-Mode Voltage
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–PSRR
+PSRR
Figure 19. Power Supply Rejection vs. Frequency
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 20. Common-Mode Rejection vs. Frequency
120
100
80
60
40
20
0
–20
120
100
80
60
40
20
0
–20
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
PHASE
GAIN
Figure 21. Open-Loop Gain and Phase Margin vs. Frequency


Similar Part No. - AD795JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD795JR AD-AD795JR Datasheet
331Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. A
AD795JR AD-AD795JR Datasheet
278Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. B
More results

Similar Description - AD795JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD795 AD-AD795_02 Datasheet
278Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. B
AD795 AD-AD795_15 Datasheet
276Kb / 20P
   Low Power, Low Noise Precision FET Op Amp
REV. C
AD795 AD-AD795 Datasheet
331Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. A
logo
Maxim Integrated Produc...
MXL1007 MAXIM-MXL1007 Datasheet
246Kb / 8P
   Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
logo
Analog Devices
AD645 AD-AD645 Datasheet
439Kb / 8P
   Low Noise, Low Drift FET Op Amp
REV. B
logo
Microchip Technology
MCP6286 MICROCHIP-MCP6286 Datasheet
430Kb / 28P
   Low Noise, Low Power Op Amp
2009
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
   Low Noise, High Speed Precision Op Amp
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
logo
Maxim Integrated Produc...
MAX44246 MAXIM-MAX44246_12 Datasheet
2Mb / 12P
   36V, Low-Noise, Precision, Dual Op Amp
Rev 1; 9/12
MAX44246 MAXIM-MAX44246_13 Datasheet
2Mb / 12P
   36V, Low-Noise, Precision, Dual Op Amp
Rev 3; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com