Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS9936A Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDS9936A
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS9936A Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDS9936A Datasheet HTML 1Page - Fairchild Semiconductor FDS9936A Datasheet HTML 2Page - Fairchild Semiconductor FDS9936A Datasheet HTML 3Page - Fairchild Semiconductor FDS9936A Datasheet HTML 4Page - Fairchild Semiconductor FDS9936A Datasheet HTML 5Page - Fairchild Semiconductor FDS9936A Datasheet HTML 6Page - Fairchild Semiconductor FDS9936A Datasheet HTML 7Page - Fairchild Semiconductor FDS9936A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SOIC(8lds) Packaging
Configuration: Figure 1.0
Components
Leader Tape
1680mm minimum or
210 empty pockets
Trailer Tape
640mm minimum or
80 empty pockets
SOIC(8lds) Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier Tape
Note/Comments
Packaging Option
SOIC (8lds) Packaging Information
Standard
(no flow code)
L86Z
F011
Packaging type
Reel Size
TNR
13" Dia
Rail/Tube
-
TNR
13" Dia
Qty per Reel/Tube/Bag
2,500
95
4,000
Box Dimension (mm)
343x64x343
530x130x83
343x64x343
Max qty per Box
5,000
30,000
8,000
D84Z
TNR
7" Dia
500
184x187x47
1,000
Weight per unit (gm)
0.0774
0.0774
0.0774
0.0774
Weight per Reel (kg)
0.6060
-
0.9696
0.1182
F63TN Label
ESD Label
343mm x 342mm x 64mm
Standard Intermediate box
ESD Label
F63TNR Label sample
F63TNLabel
LOT: CBVK741B019
FSID: FDS9953A
D/C1: D9842
QTY1:
SPEC REV:
SPEC:
QTY: 2500
D/C2:
QTY2:
CPN:
N/F: F
(F63TNR)3
F852
NDS
9959
SOIC-8 Unit Orientation
Pin 1
Static Dissipative
Embossed Carrier Tape
F63TNR
Label
Antistatic Cover Tape
ESD Label
EL ECTRO STATIC
SEN SIT IVE DEVI CES
DO NO T SHI P OR STO RE N EAR ST RO NG EL ECT ROST AT IC
EL ECT RO M AGN ETI C, M AG NET IC O R R ADIO ACT IVE FI ELD S
TNR DATE
PT NUMB ER
PEEL STREN GTH MIN ___ __ ____ __ ___gms
MAX ___ ___ ___ ___ _ gms
Customized
Label
Packaging Description:
SOIC-8 parts are shipped in tape. The carrier tape is
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
2,500 units per 13" or 330cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). Other option comes in 500 units per 7" or
177cm diameter reel. This and some other options are
further described in the Packaging Information table.
These full reels are individually barcode labeled and
placed inside a standard intermediate box (illustrated in
figure 1.0) made of recyclable corrugated brown paper.
One box contains two reels maximum. And these boxes
are placed inside a barcode labeled shipping box which
comes in different sizes depending on the number of parts
shipped.
SO-8 Tape and Reel Data and Package Dimensions
July 1999, Rev. B


Similar Part No. - FDS9936A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDS9936A-NL VBSEMI-FDS9936A-NL Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

Similar Description - FDS9936A

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com