Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD829AR-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # AD829AR-REEL
Description  High Speed, Low Noise Video Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829AR-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD829AR-REEL Datasheet HTML 4Page - Analog Devices AD829AR-REEL Datasheet HTML 5Page - Analog Devices AD829AR-REEL Datasheet HTML 6Page - Analog Devices AD829AR-REEL Datasheet HTML 7Page - Analog Devices AD829AR-REEL Datasheet HTML 8Page - Analog Devices AD829AR-REEL Datasheet HTML 9Page - Analog Devices AD829AR-REEL Datasheet HTML 10Page - Analog Devices AD829AR-REEL Datasheet HTML 11Page - Analog Devices AD829AR-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD829
Data Sheet
Rev. I | Page 8 of 20
Figure 17. Common-Mode Rejection Ratio (CMRR) vs. Frequency
Figure 18. Large Signal Frequency Response
Figure 19. Output Swing and Error vs. Settling Time
Figure 20. Total Harmonic Distortion (THD) vs. Frequency
Figure 21. Second and Third THD vs. Frequency
Figure 22. Input Voltage Noise Spectral Density
FREQUENCY (Hz)
1k
10k
100k
1M
10M
20
120
100
60
80
40
100M
CCOMP = 0pF
INPUT FREQUENCY (MHz)
1
10
0
5
10
15
20
25
30
100
VS = ±15V
RL = 1kΩ
AV = +20
CCOMP = 0pF
VS = ±5V
RL = 500Ω
AV = +20
CCOMP = 0pF
SETTLING TIME (ns)
0
20
40
60
80
100
120
140
–10
–8
–6
–4
–2
0
2
4
6
8
10
160
1%
1%
0.1%
0.1%
ERROR
AV = –19
CCOMP = 0pF
FREQUENCY (Hz)
100
300
1k
3k
10k
30k
–110
–105
–100
–95
–90
–85
–80
–75
–70
100k
VIN = 3V RMS
AV = –1
CCOMP = 30pF
CL = 100pF
RL = 500Ω
RL = 2kΩ
FREQUENCY (Hz)
0
500k
1.0M
1.5M
–70
–20
–30
–40
–50
–60
2.0M
THIRD HARMONIC
SECOND HARMONIC
VIN = 2.25V RMS
AV = –1
RL = 250Ω
CL = 0pF
CCOMP = 30pF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
0
5
4
3
2
1
10M


Similar Part No. - AD829AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD829AR-REEL AD-AD829AR-REEL Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829AR-REEL AD-AD829AR-REEL Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829AR-REEL AD-AD829AR-REEL Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD829AR-REEL7 AD-AD829AR-REEL7 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829AR-REEL7 AD-AD829AR-REEL7 Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
More results

Similar Description - AD829AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD829 AD-AD829_04 Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
   Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
logo
Linear Technology
RH37C LINER-RH37C_15 Datasheet
106Kb / 2P
   Low Noise, High Speed Precision Op Amp
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com