Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-11-10 Datasheet(PDF) 2 Page - 3M Electronics

Part # L-11-10
Description  Specialty Terminals
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

L-11-10 Datasheet(HTML) 2 Page - 3M Electronics

  L-11-10 Datasheet HTML 1Page - 3M Electronics L-11-10 Datasheet HTML 2Page - 3M Electronics L-11-10 Datasheet HTML 3Page - 3M Electronics L-11-10 Datasheet HTML 4Page - 3M Electronics L-11-10 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications
Wire Size:
See Table Above
Barrel Seam:
Butted
Max. Current:
Same as Wire
Terminal Material:
ETP Copper
Terminal Plating:
Tin
UNDERWRITERS
LABORATORIES
STANDARD NO. UL 486A
3M FILE NO. E23438
CANADIAN STANDARDS
ASSOCIATION
STANDARD NO. C22.2
NO. 0. 65
3M FILE NO. LR22190
t
c
u
d
o
r
P
r
e
b
m
u
N
e
r
i
W
e
g
n
a
R
)
G
W
A
(
d
u
t
S
e
z
i
SW
C
L
E
s
s
e
n
k
c
i
h
T
l
e
r
r
a
B
h
t
g
n
e
L
l
e
r
r
a
B
.
D
.
I
0
1
-
2
14
1
-
6
10
13
3
.
09
2
.
00
7
.
04
5
.
00
3
0
.
05
2
.
00
9
0
.
0
0
1
-
2
1
-
L4
1
-
6
10
11
3
.
03
3
.
04
7
.
08
5
.
00
3
0
.
05
2
.
00
9
0
.
0
S
4
1
-
2
14
1
-
6
1
₄⁄
¹
7
4
.
00
4
.
09
8
.
05
6
.
00
3
0
.
05
2
.
00
9
0
.
0
4
1
-
2
14
1
-
6
1
₄⁄
¹
6
5
.
00
4
.
03
9
.
05
6
.
00
3
0
.
05
2
.
00
9
0
.
0
S
6
5
-
2
14
1
-
6
1
₁⁄
7
4
.
00
4
.
08
8
.
05
6
.
00
3
0
.
05
2
.
00
9
0
.
0
6
5
-
2
14
1
-
6
1
₁⁄
6
5
.
00
4
.
03
9
.
05
6
.
00
3
0
.
05
2
.
00
9
0
.
0
8
3
-
2
14
1
-
6
1
₈⁄
³
6
5
.
00
4
.
03
9
.
05
6
.
00
3
0
.
05
2
.
00
9
0
.
0
S
4
-
3
10
1
-
2
14
8
2
.
09
2
.
08
6
.
04
5
.
00
4
0
.
05
2
.
05
3
1
.
0
S
6
-
3
10
1
-
2
16
8
2
.
09
2
.
08
6
.
04
5
.
00
4
0
.
05
2
.
05
3
1
.
0
6
-
3
10
1
-
2
16
8
3
.
09
2
.
03
7
.
04
5
.
00
4
0
.
05
2
.
05
3
1
.
0
S
8
-
3
10
1
-
2
18
8
2
.
09
2
.
08
6
.
04
5
.
00
4
0
.
05
2
.
05
3
1
.
0
8
-
3
10
1
-
2
18
8
3
.
09
2
.
03
7
.
04
5
.
00
4
0
.
05
2
.
05
3
1
.
0
0
1
-
3
10
1
-
2
10
18
3
.
09
2
.
03
7
.
04
5
.
00
4
0
.
05
2
.
05
3
1
.
0
S
4
1
-
3
10
1
-
2
1
₄⁄
¹
3
5
.
04
4
.
06
9
.
09
6
.
00
4
0
.
05
2
.
05
3
1
.
0
4
1
-
3
10
1
-
2
1
₄⁄
¹
9
5
.
04
4
.
09
9
.
09
6
.
00
4
0
.
05
2
.
05
3
1
.
0
S
6
5
-
3
10
1
-
2
1
₁⁄
3
5
.
04
4
.
06
9
.
09
6
.
00
4
0
.
05
2
.
05
3
1
.
0
6
5
-
3
10
1
-
2
1
₁⁄
9
5
.
04
4
.
09
9
.
09
6
.
00
4
0
.
05
2
.
05
3
1
.
0
S
8
3
-
3
10
1
-
2
1
₈⁄
³
4
5
.
04
4
.
06
9
.
09
6
.
00
4
0
.
05
2
.
05
3
1
.
0
8
3
-
3
10
1
-
2
1
₈⁄
³
9
5
.
04
4
.
09
9
.
09
6
.
00
4
0
.
05
2
.
05
3
1
.
0
6
1
7
-
3
10
1
-
2
1
₁⁄
5
7
.
07
5
.
09
1
.
12
8
.
00
4
0
.
05
2
.
05
3
1
.
0
0
0
5
-
3
10
1
-
2
1
₂⁄
¹
5
7
.
07
5
.
00
2
.
12
8
.
00
4
0
.
05
2
.
05
3
1
.
0


Similar Part No. - L-11-10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
L-11-10-P AD-L-11-10-P Datasheet
30Kb / 4P
   11-2S-P thru 13-500-P Ring Tongue, Vinyl Insulated, Butted Seam
More results

Similar Description - L-11-10

ManufacturerPart #DatasheetDescription
logo
3M Electronics
94774 3M-94774 Datasheet
328Kb / 8P
   Specialty Bagged Terminals
AUG.19.2004
94741 3M-94741 Datasheet
328Kb / 8P
   Specialty Bagged Terminals
AUG.19.2004
logo
Winchester Electronics ...
153155011 WINCHESTER-153155011 Datasheet
98Kb / 2P
   Specialty Types
logo
Molex Electronics Ltd.
987650-8052 MOLEX-987650-8052 Datasheet
350Kb / 8P
   SPECIALTY LIGHTING
logo
Cooper Bussmann, Inc.
GMQ-1-1-4 COOPER-GMQ-1-1-4 Datasheet
59Kb / 2P
   Specialty Fuse
HWA-AF COOPER-HWA-AF Datasheet
29Kb / 1P
   Specialty Fuses
GMW-1-10 COOPER-GMW-1-10 Datasheet
29Kb / 1P
   Specialty Fuses
logo
Extech Instruments Corp...
MO290-EP EXTECH-MO290-EP Datasheet
138Kb / 1P
   Specialty Moisture Probes
MO290-EXT EXTECH-MO290-EXT Datasheet
138Kb / 1P
   Specialty Moisture Probes
logo
Luminus, Inc
SST-20-W LUMINUS-SST-20-W Datasheet
2Mb / 19P
   Specialty White LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com