Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD830JR-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # AD830JR-REEL
Description  High Speed, Video Difference Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD830JR-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD830JR-REEL Datasheet HTML 3Page - Analog Devices AD830JR-REEL Datasheet HTML 4Page - Analog Devices AD830JR-REEL Datasheet HTML 5Page - Analog Devices AD830JR-REEL Datasheet HTML 6Page - Analog Devices AD830JR-REEL Datasheet HTML 7Page - Analog Devices AD830JR-REEL Datasheet HTML 8Page - Analog Devices AD830JR-REEL Datasheet HTML 9Page - Analog Devices AD830JR-REEL Datasheet HTML 10Page - Analog Devices AD830JR-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD830
Rev. C | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation
Observe derating
curves
Output Short-Circuit Duration
Observe derating
curves
Common-Mode Input Voltage
±VS
Differential Input Voltage
±VS
Storage Temperature Range (Q)
−65°C to +150°C
Storage Temperature Range (N)
−65°C to +125°C
Storage Temperature Range (RN)
−65°C to +125°C
Operating Temperature Range
AD830J
0°C to +70°C
AD830A
−40°C to +85°C
AD830S
−55°C to +125°C
Lead Temperature Range (Soldering 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD830 is limited by the associated rise in junction temperature.
For the plastic packages, the maximum safe junction
temperature is 145°C. For the CERDIP, the maximum junction
temperature is 175°C. If these maximums are exceeded
momentarily, proper circuit operation will be restored as soon
as the die temperature is reduced. Leaving the AD830 in the
overheated condition for an extended period can result in
permanent damage to the device. To ensure proper operation, it
is important to observe the recommended derating curves.
While the AD830 output is internally short-circuit protected,
this may not be sufficient to guarantee that the maximum
junction temperature is not exceeded under all conditions. If
the output is shorted to a supply rail for an extended period,
then the amplifier may be permanently destroyed.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
Unit
28-Lead PDIP Package
90
°C/W
8-Lead SOIC Package
155
°C/W
8-Lead CERDIP Package
11
°C/W
ESD CAUTION
2.5
0
90
1.5
0.5
–30
1.0
–50
2.0
70
50
30
10
–10
AMBIENT TEMPERATURE (°C)
TJ MAX = 145°C
8-LEAD PDIP
8-LEAD SOIC
2.8
0.2
140
0.8
0.4
–40
0.6
–60
1.4
1.0
1.2
1.6
2.0
2.2
2.6
2.4
1.8
100
120
80
60
40
20
0
–20
AMBIENT TEMPERATURE (°C)
8-LEAD CERDIP
TJ MAX = 175°C
Figure 4. Maximum Power Dissipation vs. Temperature, PDIP and SOIC Packages
Figure 5. Maximum Power Dissipation vs. Temperature, CERDIP Package


Similar Part No. - AD830JR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD830JR AD-AD830JR Datasheet
333Kb / 16P
   High Speed, Video Difference Amplifier
REV. A
AD830JRZ AD-AD830JRZ Datasheet
540Kb / 20P
   High Speed, Video Difference Amplifier
AD830JRZ-R7 AD-AD830JRZ-R7 Datasheet
540Kb / 20P
   High Speed, Video Difference Amplifier
More results

Similar Description - AD830JR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD830 AD-AD830 Datasheet
333Kb / 16P
   High Speed, Video Difference Amplifier
REV. A
AD830 AD-AD830_17 Datasheet
540Kb / 20P
   High Speed, Video Difference Amplifier
AD830 AD-AD830_15 Datasheet
363Kb / 20P
   High Speed, Video Difference Amplifier
REV. C
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
   Video Difference Amplifier
LT1193 LINER-LT1193_01 Datasheet
433Kb / 12P
   Video Difference Amplifier
LT1194 LINER-LT1194_01 Datasheet
246Kb / 12P
   Video Difference Amplifier
LT1193 LINER-LT1193_15 Datasheet
442Kb / 12P
   Video Difference Amplifier
LT1194 LINER-LT1194 Datasheet
1Mb / 21P
   Video Difference Amplifier?
LT1194 LINER-LT1194_15 Datasheet
256Kb / 12P
   Video Difference Amplifier
logo
Burr-Brown (TI)
INA157 BURR-BROWN-INA157 Datasheet
80Kb / 8P
   High-Speed, Precision DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com