Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD834ARZ-RL Datasheet(PDF) 3 Page - Analog Devices

Part # AD834ARZ-RL
Description  500 MHz Four-Quadrant Multiplier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD834ARZ-RL Datasheet(HTML) 3 Page - Analog Devices

  AD834ARZ-RL Datasheet HTML 1Page - Analog Devices AD834ARZ-RL Datasheet HTML 2Page - Analog Devices AD834ARZ-RL Datasheet HTML 3Page - Analog Devices AD834ARZ-RL Datasheet HTML 4Page - Analog Devices AD834ARZ-RL Datasheet HTML 5Page - Analog Devices AD834ARZ-RL Datasheet HTML 6Page - Analog Devices AD834ARZ-RL Datasheet HTML 7Page - Analog Devices AD834ARZ-RL Datasheet HTML 8Page - Analog Devices AD834ARZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD834
Rev. F | Page 3 of 20
SPECIFICATIONS
TA = 25°C and ±VS = ±5 V, unless otherwise noted; dBm assumes 50 Ω load. Specifications in boldface are tested on all production units
at final electrical test. Results from those tests are used to calculate outgoing quality levels.
Table 1.
Parameters
Conditions
Min
Typ
Max
Unit
MULTIPLIER PERFORMANCE
Transfer Function
( )
mA
V
4
1
×
=
2
XY
W
Total Error1
−1 V ≤ X, Y < +1 V
±0.5
±2
% FS
vs. Temperature (AD834A/AD834S Only)
TMIN to TMAX
±1.5
±3
% FS
vs. Supplies (All Models)2
±4 V to ±6 V
0.1
0.3
% FS/V
Linearity3
±0.5
±1
% FS
Bandwidth4
500
MHz
Feedthrough, X
X = ±1 V, Y = nulled
0.2
0.3
% FS
Feedthrough, Y
X = nulled, Y = ±1 V
0.1
0.2
% FS
AC Feedthrough, X5
X = 0 dBm, Y = nulled
f = 10 MHz
–65
dB
f = 100 MHz
–50
dB
AC Feedthrough, Y5
X = nulled, Y = 0 dBm
f = 10 MHz
–70
dB
f = 100 MHz
–50
dB
INPUTS (X1, X2, Y1, Y2)
Full-Scale Range
Differential
±1
V
Clipping Level
Differential
±1.1
±1.3
V
Input Resistance
Differential
25
Offset Voltage
0.5
3
mV
vs. Temperature
TMIN to TMAX
10
μV/°C
4
mV
vs. Supplies2
±4 V to ±6 V
100
300
μV/V
Bias Current
45
µA
Common-Mode Rejection
f ≤ 100 kHz; 1 V p-p
70
dB
Nonlinearity, X
Y = 1 V; X = ±1 V
0.2
0.5
% FS
Nonlinearity, Y
X = 1 V; Y = ±1 V
0.1
0.3
% FS
Distortion, X
X = 0 dBm, Y = 1 V
f = 10 MHz
−60
dB
f = 100 MHz
−44
dB
Distortion, Y
X = 1 V, Y = 0 dBm
f = 10 MHz
–65
dB
f = 100 MHz
–50
dB
OUTPUTS (W1, W2)
Zero Signal Current
Each output
8.5
mA
Differential Offset
X = 0, Y = 0
±20
±60
μA
vs. Temperature
nA°C
All Models
TMIN to TMAX
40
AD834A/AD834S Only
±60
μA
Scaling Current
Differential
3.96
4
4.04
mA
Output Compliance
4.75
9
V
Noise Spectral Density
f = 10 Hz to 1 MHz
16
nV/√Hz
Outputs into 50 Ω Load


Similar Part No. - AD834ARZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD834AR AD-AD834AR Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
More results

Similar Description - AD834ARZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_15 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com