Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS9953A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDS9953A
Description  Dual 30V P-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS9953A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDS9953A Datasheet HTML 1Page - Fairchild Semiconductor FDS9953A Datasheet HTML 2Page - Fairchild Semiconductor FDS9953A Datasheet HTML 3Page - Fairchild Semiconductor FDS9953A Datasheet HTML 4Page - Fairchild Semiconductor FDS9953A Datasheet HTML 5Page - Fairchild Semiconductor FDS9953A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDS9953A Rev B(W)
Typical Characteristics
Notes:
1. RθJAis the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJCis guaranteed by design while RθCAis determined by the user's board design.
a)
78°C/W when
mounted on a
0.5in
2 pad of 2
oz copper
b)
125°C/W when
mounted on a
0.02 in
2 pad of
2 oz copper
c)
135°C/W when
mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - FDS9953A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS9958 FAIRCHILD-FDS9958 Datasheet
261Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDS9958-F085 ONSEMI-FDS9958-F085 Datasheet
447Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET -60V, -2.9A, 105m廓
September-2017, Rev.2
logo
VBsemi Electronics Co.,...
FDS9958-NL VBSEMI-FDS9958-NL Datasheet
1Mb / 9P
   Dual P-Channel 6 0-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS9958F085 FAIRCHILD-FDS9958F085 Datasheet
555Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDS9953A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4935A FAIRCHILD-FDS4935A Datasheet
113Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
SI6933DQ FAIRCHILD-SI6933DQ Datasheet
83Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
SI6955DQ FAIRCHILD-SI6955DQ Datasheet
164Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
FDS4935 FAIRCHILD-FDS4935 Datasheet
122Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
FDS4953 FAIRCHILD-FDS4953_02 Datasheet
97Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS4953 KEXIN-KDS4953 Datasheet
62Kb / 2P
   Dual 30V P-Channel PowerTrench MOSFET
logo
Lowpower Semiconductor ...
LPM4953 POWER-LPM4953 Datasheet
389Kb / 6P
   Dual 30V P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com