Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5241BRU10 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5241BRU10
Description  I2C-Compatible, 256-Position Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5241BRU10 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5241BRU10 Datasheet HTML 4Page - Analog Devices AD5241BRU10 Datasheet HTML 5Page - Analog Devices AD5241BRU10 Datasheet HTML 6Page - Analog Devices AD5241BRU10 Datasheet HTML 7Page - Analog Devices AD5241BRU10 Datasheet HTML 8Page - Analog Devices AD5241BRU10 Datasheet HTML 9Page - Analog Devices AD5241BRU10 Datasheet HTML 10Page - Analog Devices AD5241BRU10 Datasheet HTML 11Page - Analog Devices AD5241BRU10 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5241/AD5242
Rev. C | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
CODE (Decimal)
1.0
0.5
0
–0.5
–1.0
256
224
192
160
128
96
64
32
0
VDD/VSS = +2.7V/0V
VDD/VSS = +5.5V/0V, ±2.7V
VDD = +2.7V
VDD = +5.5V
VDD = ±2.7V
Figure 8. RDNL vs. Code
CODE (Decimal)
1.0
0.5
0
–0.5
–1.0
224
192
160
128
96
64
32
0
256
VDD/VSS = +2.7V/0V
VDD/VSS = +5.5V/0V, ±2.7V
VDD = +2.7V
VDD = +5.5V
VDD = ±2.7V
Figure 9. RINL vs. Code
CODE (Decimal)
0.25
0.13
0
–0.13
–0.25
256
224
192
160
128
96
64
32
0
VDD = +2.7V
VDD = +5.5V
VDD = ±2.7V
VDD/VSS = +2.7V/0V, +5.5V/0V, ±2.7V
Figure 10. DNL vs. Code
CODE (Decimal)
0.50
0.25
0
–0.25
–0.50
256
224
160
128
64
32
01
96
92
VDD/VSS = +2.7V
VDD/VSS = +2.7V/0V, +5.5V/0V
VDD = +2.7V
VDD = +5.5V
VDD = ±2.7V
Figure 11. INL vs. Code
10k
100
1
80
60
40
20
0
–20
–40
TEMPERATURE (°C)
VDD = 2.7V
TA = 25°C
10
1k
10kΩ
100kΩ
1MΩ
Figure 12. Nominal Resistance vs. Temperature
10k
1k
100
10
1
5
4
3
2
1
0
INPUT LOGIC VOLTAGE (V)
VDD = 2.5V
VDD = 3V
VDD = 5V
Figure 13. Supply Current vs. Input Logic Voltage


Similar Part No. - AD5241BRU10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5241BRU10-REEL7 AD-AD5241BRU10-REEL7 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241BRU100-REEL7 AD-AD5241BRU100-REEL7 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
More results

Similar Description - AD5241BRU10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com