Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5421BREZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD5421BREZ
Description  16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5421BREZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5421BREZ Datasheet HTML 2Page - Analog Devices AD5421BREZ Datasheet HTML 3Page - Analog Devices AD5421BREZ Datasheet HTML 4Page - Analog Devices AD5421BREZ Datasheet HTML 5Page - Analog Devices AD5421BREZ Datasheet HTML 6Page - Analog Devices AD5421BREZ Datasheet HTML 7Page - Analog Devices AD5421BREZ Datasheet HTML 8Page - Analog Devices AD5421BREZ Datasheet HTML 9Page - Analog Devices AD5421BREZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD5421
Data Sheet
Rev. F | Page 6 of 36
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
REGOUT OUTPUT
Voltage regulator output
Output Voltage
1.8
12
V
See Table 10
Output Voltage TC3
110
ppm/°C
Output Voltage Accuracy
−4
±2
+4
%
Externally Available Current3, 6
3.15
mA
Assuming 4 mA flowing in the loop
and during HART communications
Short-Circuit Current
23
mA
Line Regulation3
500
μV/V
Internal NMOS
10
μV/V
External NMOS
Load Regulation3
8
mV/mA
Inductive Load
50
mH
Stable operation
Capacitive Load
2
10
µF
Recommended operation
ADC ACCURACY
Die Temperature
±5
°C
VLOOP Input
±1
%
DVDD OUTPUT
Can be overdriven up to 5.5 V
Output Voltage
3.17
3.3
3.48
V
Externally Available Current3, 6
3.15
mA
Assuming 4 mA flowing in the loop
and during HART communications
Short-Circuit Current
7.7
mA
Load Regulation
45
mV/mA
Measured at 0 mA and 3 mA loads
DIGITAL INPUTS3
SCLK, SYNC, SDIN, LDAC
Input High Voltage, VIH
0.7 × IODVDD
V
Input Low Voltage, VIL
0.25 × IODVDD V
Hysteresis
0.21
V
IODVDD = 1.8 V
0.63
V
IODVDD = 3.3 V
1.46
V
IODVDD = 5.5 V
Input Current
−0.015
+0.015
µA
Per pin
Pin Capacitance
5
pF
Per pin
DIGITAL OUTPUTS3
SDO Pin
Output Low Voltage, VOL
0.4
V
Output High Voltage, VOH
IODVDD − 0.5
V
High Impedance Leakage
Current
−0.01
+0.01
µA
High Impedance Output
Capacitance
5
pF
FAULT Pin
Output Low Voltage, VOL
0.4
V
Output High Voltage, VOH
IODVDD − 0.5
V
FAULT THRESHOLDS
ILOOP Under
ILOOP − 0.01% FSR
mA
ILOOP Over
ILOOP + 0.01% FSR
mA
Temp 140°C
133
°C
Fault removed when temperature
≤ 125°C
Temp 100°C
90
°C
Fault removed when temperature
≤ 85°C
VLOOP 6V
0.3
V
Fault removed when VLOOP ≥ 0.4 V
VLOOP 12V
0.6
V
Fault removed when VLOOP ≥ 0.7 V


Similar Part No. - AD5421BREZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5421BREZ AD-AD5421BREZ Datasheet
2Mb / 22P
   16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Rev.PrN
More results

Similar Description - AD5421BREZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
UG-250 AD-UG-250 Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421 Datasheet
171Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com