Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5516ABC-1 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5516ABC-1
Description  16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5516ABC-1 Datasheet(HTML) 2 Page - Analog Devices

  AD5516ABC-1 Datasheet HTML 1Page - Analog Devices AD5516ABC-1 Datasheet HTML 2Page - Analog Devices AD5516ABC-1 Datasheet HTML 3Page - Analog Devices AD5516ABC-1 Datasheet HTML 4Page - Analog Devices AD5516ABC-1 Datasheet HTML 5Page - Analog Devices AD5516ABC-1 Datasheet HTML 6Page - Analog Devices AD5516ABC-1 Datasheet HTML 7Page - Analog Devices AD5516ABC-1 Datasheet HTML 8Page - Analog Devices AD5516ABC-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. B
–2–
AD5516–SPECIFICATIONS
(VDD = +4.75 V to +13.2 V, VSS = –4.75 V to –13.2 V; AVCC = 4.75 V to 5.25 V; DVCC =
2.7 V to 5.25 V; AGND = DGND = DACGND = 0 V; REF_IN = 3 V; All outputs unloaded.
All specifications TMIN to TMAX, unless otherwise noted.)
Parameter
1
A Version
2
Unit
Conditions/Comments
DAC DC PERFORMANCE
Resolution
12
Bits
Integral Nonlinearity (INL)
±2
LSB max
Mode 1
Differential Nonlinearity (DNL)
–1/+1.3
LSB max
±0.5 LSB typ, Monotonic; Mode 1
Increment/Decrement Step-Size
±0.25
LSB typ
Monotonic; Mode 2 Only
Bipolar Zero Error
±7
LSB max
Positive Full-Scale Error
±10
LSB max
Negative Full-Scale Error
±10
LSB max
VOLTAGE REFERENCE
REF_IN
Nominal Input Voltage
3
V
Input Voltage Range
3
2.875/3.125
V min/max
Input Current
±1
mA max
< 1 nA typ
ANALOG OUTPUTS (VOUT0–15)
Output Temperature Coefficient
3, 4
10
ppm/
∞C typ
of FSR
DC Output Impedance
3
0.5
W typ
Output Range
5
AD5516-1
±2.5
V typ
100
mA Output Load
AD5516-2
±5V typ
100
mA Output Load
AD5516-3
±10
V typ
100
mA Output Load
Resistive Load
3, 6, 7
5k
W min
Capacitive Load
3, 6
200
pF
Short Circuit Current
3
7
mA typ
DC Power Supply Rejection Ratio
3
–85
dB typ
VDD = +12 V
± 5%, VSS = –12 V ± 5%
DC Crosstalk
3
0.1
LSB max
DIGITAL INPUTS
3
Input Current
±10
mA max
±5 mA typ
Input Low Voltage
0.8
V max
DVCC = 5 V
± 5%
0.4
V max
DVCC = 3 V
± 10%
Input High Voltage
2.4
V min
DVCC = 5 V
± 5%
2V min
DVCC = 3 V
± 10%
Input Hysteresis (SCLK and
SYNC)
150
mV typ
Input Capacitance
10
pF max
5 pF typ
DIGITAL OUTPUTS (
BUSY, D
OUT)
3
Output Low Voltage, DVCC = 5 V
0.4
V max
Sinking 200
mA
Output High Voltage, DVCC = 5 V
4
V min
Sourcing 200
mA
Output Low Voltage, DVCC = 3 V
0.4
V max
Sinking 200
mA
Output High Voltage, DVCC = 3 V
2.4
V min
Sourcing 200
mA
High Impedance Leakage Current (DOUT only)
±1
mA max
DCEN = 0
High Impedance Output Capacitance (DOUT only)
5
pF typ
DCEN = 0
POWER REQUIREMENTS
Power Supply Voltages
VDD
4.75/15.75
V min/max
VSS
–4.75/–15.75
V min/max
AVCC
4.75/5.25
V min/max
DVCC
2.7/5.25
V min/max
Power Supply Currents
8
IDD
5
mA max
3.5 mA typ. All Channels Full-Scale.
ISS
5
mA max
3.5 mA typ. All Channels Full-Scale.
AICC
17
mA max
13 mA typ
DICC
1.5
mA max
1 mA typ
Power-Down Currents
8
IDD
1
mA typ
ISS
1
mA typ
AICC
2
mA max
200 nA typ
DICC
2
mA max
200 nA typ
Power Dissipation
8
105
mW typ
VDD = +5 V, VSS = –5 V
NOTES
1 See Terminology section.
2 A Version: Industrial temperature range –40
∞C to +85∞C; typical at +25∞C.
3 Guaranteed by design and characterization; not production tested.
4 AD780 as reference for the AD5516.
5 Output range is restricted from V
SS + 2 V to VDD – 2 V. Output span varies with reference voltage and is functional down to 2 V.
6 Ensure that you do not exceed T
J (MAX). See Absolute Maximum Ratings section.
7 With 5 k
W resistive load, footroom required is as follows: AD5516–1, 2 V; AD5516–2, 2.5 V; AD5516–3, 3 V.
8 Outputs unloaded.
Specifications subject to change without notice.


Similar Part No. - AD5516ABC-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5516ABC-1 AD-AD5516ABC-1 Datasheet
197Kb / 16P
   16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. 0
More results

Similar Description - AD5516ABC-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5516 AD-AD5516 Datasheet
197Kb / 16P
   16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. 0
AD5516 AD-AD5516_15 Datasheet
228Kb / 16P
   16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. B
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
logo
Texas Instruments
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
logo
Analog Devices
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com