Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDT439N Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDT439N
Description  N-Channel 2.5V Specified EnhancementMode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDT439N Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDT439N Datasheet HTML 1Page - Fairchild Semiconductor FDT439N Datasheet HTML 2Page - Fairchild Semiconductor FDT439N Datasheet HTML 3Page - Fairchild Semiconductor FDT439N Datasheet HTML 4Page - Fairchild Semiconductor FDT439N Datasheet HTML 5Page - Fairchild Semiconductor FDT439N Datasheet HTML 6Page - Fairchild Semiconductor FDT439N Datasheet HTML 7Page - Fairchild Semiconductor FDT439N Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Dimensions are in millimeter
Pkg type
A0
B0
W
D0
D1
E1
E2
F
P1
P0
K0
T
Wc
Tc
SOT-223
(12mm)
6.83
+/-0.10
7.42
+/-0.10
12.0
+/-0.3
1.55
+/-0.05
1.50
+/-0.10
1.75
+/-0.10
10.25
min
5.50
+/-0.05
8.0
+/-0.1
4.0
+/-0.1
1.88
+/-0.10
0.292
+/-
0.0130
9.5
+/-0.025
0.06
+/-0.02
P1
A0
D1
P0
F
W
E1
D0
E2
B0
Tc
Wc
K0
T
Dimensions are in inches and millimeters
Tape Size
Reel
Option
Dim A
Dim B
Dim C
Dim D
Dim N
Dim W1
Dim W2
Dim W3 (LSL-USL)
12mm
7" Dia
7.00
177.8
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
5.906
150
0.488 +0.078/-0.000
12.4 +2/0
0.724
18.4
0.469 – 0.606
11.9 – 15.4
12mm
13" Dia
13.00
330
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
7.00
178
0.488 +0.078/-0.000
12.4 +2/0
0.724
18.4
0.469 – 0.606
11.9 – 15.4
See detail AA
Dim A
max
13" Diameter Option
7" Diameter Option
Dim A
Max
See detail AA
W3
W2 max Measured at Hub
W1 Measured at Hub
Dim N
Dim D
min
Dim C
B Min
DETAIL AA
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481
rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum component rotation
0.5mm
maximum
0.5mm
maximum
Sketch C (Top View)
Component lateral movement
Typical
component
cavity
center line
20 deg maximum
Typical
component
center line
B0
A0
Sketch B (Top View)
Component Rotation
Sketch A (Side or Front Sectional View)
Component Rotation
User Direction of Feed
SOT-223 Embossed Carrier Tape
Configuration: Figure 3.0
SOT-223 Reel Configuration: Figure 4.0
SOT-223 Tape and Reel Data and Package Dimensions, continued
July 1999, Rev. B


Similar Part No. - FDT439N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDT439N VBSEMI-FDT439N Datasheet
1,013Kb / 8P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - FDT439N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP4020P FAIRCHILD-FDP4020P Datasheet
213Kb / 7P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
FDP4020P FAIRCHILD-FDP4020P_00 Datasheet
79Kb / 5P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDB4020P KEXIN-KDB4020P Datasheet
51Kb / 2P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
logo
New Jersey Semi-Conduct...
2N5163 NJSEMI-2N5163 Datasheet
202Kb / 1P
   N-CHANNEL FIELD-EFFECT TRANSISTOR
logo
NXP Semiconductors
PMBF4416 PHILIPS-PMBF4416 Datasheet
95Kb / 9P
   N-channel field-effect transistor
April 1995
PN4416 PHILIPS-PN4416 Datasheet
95Kb / 9P
   N-channel field-effect transistor
December 1997
logo
List of Unclassifed Man...
12N035 ETC1-12N035 Datasheet
36Kb / 2P
   N-Channel Field Effect Transistor
60N035 ETC-60N035 Datasheet
127Kb / 2P
   N-Channel Field Effect Transistor
4N600 ETC1-4N600 Datasheet
36Kb / 2P
   N-Channel Field Effect Transistor
50N035 ETC-50N035 Datasheet
34Kb / 2P
   N-Channel Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com