Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5447YRUZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD5447YRUZ
Description  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5447YRUZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5447YRUZ Datasheet HTML 4Page - Analog Devices AD5447YRUZ Datasheet HTML 5Page - Analog Devices AD5447YRUZ Datasheet HTML 6Page - Analog Devices AD5447YRUZ Datasheet HTML 7Page - Analog Devices AD5447YRUZ Datasheet HTML 8Page - Analog Devices AD5447YRUZ Datasheet HTML 9Page - Analog Devices AD5447YRUZ Datasheet HTML 10Page - Analog Devices AD5447YRUZ Datasheet HTML 11Page - Analog Devices AD5447YRUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD5428/AD5440/AD5447
Data Sheet
Rev. C | Page 8 of 32
R/W
CS
1
2
3
4
5
6
7
8
9
10
20
21
22
23
24
19
18
17
16
15
14
13
12
11
IOUTA
RFBA
VREFA
DB9
DAC A/B
DGND
AGND
RFBB
VREFB
VDD
NC
DB8
DB7
DB4
DB5
DB6
NC
DB0 (LSB)
DB3
DB2
DB1
IOUTB
AD5440
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 5. Pin Configuration 24-Lead TSSOP (RU-24)
Table 5. AD5440 Pin Function Descriptions
Pin No.
Mnemonic
Function
1
AGND
DAC Ground Pin. This pin should typically be tied to the analog ground of the system, but can be biased to
achieve single-supply operation.
2, 24
IOUTA, IOUTB
DAC Current Outputs.
3, 23
RFBA, RFBB
DAC Feedback Resistor Pins. Establish voltage output for the DAC by connecting to an external amplifier
output.
4, 22
VREFA, VREFB
DAC Reference Voltage Input Terminals.
5
DGND
Digital Ground Pin.
6
DAC A/B
Selects DAC A or DAC B. Low selects DAC A; high selects DAC B.
7 to16
DB9 to DB0
Parallel Data Bits 9 Through 0.
19
CS
Chip Select Input. Active low. Used in conjunction with R/W to load parallel data to the input latch or to read
data from the DAC register.
20
R/W
Read/Write. When low, used in conjunction with CS to load parallel data. When high, used in conjunction with
CS to read back contents of the DAC register.
21
VDD
Positive Power Supply Input. This part can be operated from a supply of 2.5 V to 5.5 V.


Similar Part No. - AD5447YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5447YRUZ AD-AD5447YRUZ Datasheet
795Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs
AD5447YRUZ-REEL AD-AD5447YRUZ-REEL Datasheet
795Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs
AD5447YRUZ-REEL7 AD-AD5447YRUZ-REEL7 Datasheet
795Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs
More results

Similar Description - AD5447YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5447 AD-AD5447_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5428 AD-AD5428_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5424 AD-AD5424_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5433 AD-AD5433_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5445 AD-AD5445_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
Rev. D
AD5424 AD-AD5424 Datasheet
888Kb / 24P
   8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. 0
AD5424 AD-AD5424_1 Datasheet
866Kb / 32P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. B
AD5449YRUZ AD-AD5449YRUZ Datasheet
619Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
AD5449 AD-AD5449_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com