Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7621ACP Datasheet(PDF) 1 Page - Analog Devices

Part # AD7621ACP
Description  16-Bit, 2 LSB INL, 3 MSPS PulSAR짰 ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7621ACP Datasheet(HTML) 1 Page - Analog Devices

  AD7621ACP Datasheet HTML 1Page - Analog Devices AD7621ACP Datasheet HTML 2Page - Analog Devices AD7621ACP Datasheet HTML 3Page - Analog Devices AD7621ACP Datasheet HTML 4Page - Analog Devices AD7621ACP Datasheet HTML 5Page - Analog Devices AD7621ACP Datasheet HTML 6Page - Analog Devices AD7621ACP Datasheet HTML 7Page - Analog Devices AD7621ACP Datasheet HTML 8Page - Analog Devices AD7621ACP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
16-Bit, 2 LSB INL, 3 MSPS PulSAR® ADC
AD7621
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.
FEATURES
Throughput
3 MSPS (wideband warp and warp mode)
2 MSPS (normal mode)
1.25 MSPS (impulse mode)
2.048 V internal reference
Differential input range: ±VREF (VREF up to 2.5 V)
INL: ±2 LSB maximum, ±1 LSB typical
16-bit resolution with no missing codes
SINAD: 89 dB typical @ 100 kHz
THD: −101 dB typical @ 100 kHz
No pipeline delay (SAR architecture)
Parallel (16- or 8-bit bus) and serial 5 V/3.3 V/2.5 V interface
SPI®-/QSPI™-/MICROWIRE™-/DSP-compatible
2.5 V single-supply operation
Power dissipation: 65 mW typical @ 3 MSPS
48-lead LQFP and 48-lead LFCSP_VQ packages
Speed upgrade of the AD7677
APPLICATIONS
Medical instruments
High speed data acquisition
Digital signal processing
Communications
Instrumentation
Spectrum analysis
ATE
FUNCTIONAL BLOCK DIAGRAM
16
CONTROL LOGIC AND
CALIBRATION CIRCUITRY
CLOCK
AD7621
DGND
DVDD
AVDD
AGND
REF REFGND
IN+
IN–
PD
RESET
CNVST
PDBUF
REFBUFIN
WARP IMPULSE
PDREF
REF
TEMP
D[15:0]
BUSY
RD
CS
OB/2C
OGND
OVDD
BYTESWAP
SER/PAR
REF AMP
SERIAL
PORT
PARALLEL
INTERFACE
SWITCHED
CAP DAC
Figure 1.
Table 1. PulSAR Selection
Type/kSPS
100 to 250
500 to 570
800 to
1000
>1000
Pseudo
Differential
AD7651
AD7660/61
AD7650/52
AD7664/66
AD7653
AD7667
True Bipolar
AD7663
AD7665
AD7671
True
Differential
AD7675
AD7676
AD7677
AD7621
18-Bit
AD7678
AD7679
AD7674
AD7641
Multichannel/
Simultaneous
AD7654
AD7655
GENERAL DESCRIPTION
The AD7621 is a 16-bit, 3 MSPS, charge redistribution SAR,
fully differential analog-to-digital converter (ADC) that
operates from a single 2.5 V power supply. It contains a high
speed 16-bit sampling ADC, an internal conversion clock, an
internal reference (and buffer), error correction circuits, and
both serial and parallel system interface ports. It features two
very high sampling rate modes (wideband warp and warp), a
fast mode (normal) for asynchronous rate applications, and a
reduced power mode (impulse) for low power applications
where the power is scaled with the throughput. Operation is
specified from −40°C to +85°C.
PRODUCT HIGHLIGHTS
1. Fast Throughput.
The AD7621 is a 3 MSPS, charge redistribution,
16-bit SAR ADC.
2. Superior Linearity.
The AD7621 has no missing 16-bit code.
3. Internal Reference.
The AD7621 has a 2.048 V internal reference with a
typical drift of ±7 ppm/°C.
4. Single-Supply Operation.
The AD7621 operates from a 2.5 V single supply and
typically dissipates 65 mW. In impulse mode, its power
e throughput.
5.
ace
arrangement compatible with 2.5 V, 3.3 V, or 5 V logic.
dissipation decreases with th
Serial or Parallel Interface.
Versatile parallel (16- or 8-bit bus) or 2-wire serial interf


Similar Part No. - AD7621ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7621ACP AD-AD7621ACP Datasheet
619Kb / 32P
   16-Bit, 2 LSB INL, 3 MSPS PulSAR
REV. 0
AD7621ACP AD-AD7621ACP Datasheet
468Kb / 33P
   16-Bit, 2 LSB INL, 3 MSPS PulSAR ADC
AD7621ACPRL AD-AD7621ACPRL Datasheet
619Kb / 32P
   16-Bit, 2 LSB INL, 3 MSPS PulSAR
REV. 0
AD7621ACPRL AD-AD7621ACPRL Datasheet
468Kb / 33P
   16-Bit, 2 LSB INL, 3 MSPS PulSAR ADC
AD7621ACPZ AD-AD7621ACPZ Datasheet
468Kb / 33P
   16-Bit, 2 LSB INL, 3 MSPS PulSAR ADC
More results

Similar Description - AD7621ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7621 AD-AD7621_17 Datasheet
468Kb / 33P
   16-Bit, 2 LSB INL, 3 MSPS PulSAR ADC
AD7622BSTZ AD-AD7622BSTZ Datasheet
810Kb / 28P
   16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
REV. 0
AD7621 AD-AD7621_15 Datasheet
619Kb / 32P
   16-Bit, 2 LSB INL, 3 MSPS PulSAR
REV. 0
AD7677 AD-AD7677_17 Datasheet
380Kb / 21P
   16-Bit, 1 LSB INL, 1 MSPS Differential ADC
AD7677 AD-AD7677 Datasheet
322Kb / 20P
   16-Bit, 1 LSB INL, 1 MSPS Differential ADC
REV. 0
AD7622 AD-AD7622_15 Datasheet
810Kb / 28P
   16-Bit, 1.5 LSB INL, 2 MSPS PulSAR
REV. 0
AD7622 AD-AD7622 Datasheet
589Kb / 29P
   1.5 LSB INL, 2 MSPS PulSAR ADC
AD7677 AD-AD7677_15 Datasheet
338Kb / 20P
   16-Bit, 1 LSB INL, 1 MSPS
REV. A
AD7690BRMZ AD-AD7690BRMZ Datasheet
620Kb / 24P
   18-Bit, 1.5 LSB INL, 400 kSPS PulSAR짰 Differential ADC in MSOP/QFN
REV. B
AD7676 AD-AD7676_17 Datasheet
389Kb / 21P
   16-Bit, 1 LSB INL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com