Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7418ACHIPS Datasheet(PDF) 5 Page - Analog Devices

Part # AD7418ACHIPS
Description  10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7418ACHIPS Datasheet(HTML) 5 Page - Analog Devices

  AD7418ACHIPS Datasheet HTML 1Page - Analog Devices AD7418ACHIPS Datasheet HTML 2Page - Analog Devices AD7418ACHIPS Datasheet HTML 3Page - Analog Devices AD7418ACHIPS Datasheet HTML 4Page - Analog Devices AD7418ACHIPS Datasheet HTML 5Page - Analog Devices AD7418ACHIPS Datasheet HTML 6Page - Analog Devices AD7418ACHIPS Datasheet HTML 7Page - Analog Devices AD7418ACHIPS Datasheet HTML 8Page - Analog Devices AD7418ACHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD7416/AD7417/AD7418
Rev. I | Page 5 of 24
Parameter
A Version
B Version1
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
5.5
5.5
V max
For specified performance
2.7
2.7
V min
IDD
Logic inputs = 0 V or VDD
Normal Operation
600
600
μA max
Power-Down
1.5
1.5
μA max
0.7 μA typically
Auto Power-Down Mode
VDD = 3 V; see the Operating Modes section
10 SPS Throughput Rate
6
6
μW typ
1 kSPS Throughput Rate
60
60
μW typ
10 kSPS Throughput Rate
600
600
μW typ
Power-Down
3
3
μW max
Typically 0.15 μW
1 B Version applies to AD7417 only with temperature range of −40°C to +85°C. A Version temperature range is −40°C to +125°C. For VDD = 2.7 V, TA = 85°C maximum and
temperature sensor measurement error = ±3°C maximum.
2 See the Terminology section.
3 Refers to the input current when the part is not converting. Primarily due to reverse leakage current in the ESD protection diodes.
4 Sample tested during initial release and after any redesign or process change that may affect this parameter.
5 On-chip reference shuts down when an external reference is applied.
6 The accuracy of the temperature sensor is affected by reference tolerance.


Similar Part No. - AD7418ACHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7418ACHIPS AD-AD7418ACHIPS Datasheet
325Kb / 20P
   10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
REV. G
More results

Similar Description - AD7418ACHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7416 AD-AD7416 Datasheet
325Kb / 20P
   10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
REV. G
AD7816 AD-AD7816 Datasheet
279Kb / 20P
   Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
REV. C
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7418 AD-AD7418_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7314 AD-AD7314_17 Datasheet
194Kb / 9P
   10-Bit Digital Temperature Sensor
logo
Sipex Corporation
SP8542 SIPEX-SP8542 Datasheet
219Kb / 16P
   Two and Four Channel 12-Bit Multiplexed Sampling ADCs
logo
Analog Devices
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411 AD-ADT7411_06 Datasheet
1Mb / 36P
   SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com