Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7680BRMZ-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7680BRMZ-REEL7
Description  3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680BRMZ-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  AD7680BRMZ-REEL7 Datasheet HTML 1Page - Analog Devices AD7680BRMZ-REEL7 Datasheet HTML 2Page - Analog Devices AD7680BRMZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7680BRMZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7680BRMZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7680BRMZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7680BRMZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7680BRMZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7680BRMZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD7680
Rev. A | Page 3 of 24
SPECIFICATIONS1
Table 2. VDD = 4.5 V to 5.5 V, fSCLK = 2.5 MHz, fSAMPLE = 100 kSPS, unless otherwise noted; TA = TMIN to TMAX, unless otherwise noted
Parameter
A, B Versions1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 10 kHz sine wave
Signal-to-Noise + Distortion (SINAD)2
83
dB min
85
dB typ
Signal-to-Noise Ratio (SNR)2
84
dB min
86
dB typ
Total Harmonic Distortion (THD)2
−97
dB typ
Peak Harmonic or Spurious Noise (SFDR)2
−95
dB typ
Intermodulation Distortion (IMD)2
Second-Order Terms
−94
dB typ
Third-Order Terms
−100
dB typ
Aperture Delay
20
ns max
Aperture Jitter
30
ps typ
Full Power Bandwidth
8
MHz typ
@ −3 dB
2.2
MHz typ
@ −0.1 dB
DC ACCURACY
No Missing Codes
15
Bits typ
Integral Nonlinearity2
±4
LSB typ
Offset Error2
±1.68
mV max
Gain Error2
±0.038
% FS max
ANALOG INPUT
Input Voltage Ranges
0 to VDD
V
DC Leakage Current
±0.3
μA max
Input Capacitance
30
pF typ
LOGIC INPUTS
Input High Voltage, VINH
2.8
V min
Input Low Voltage, VINL
0.4
V max
Input Current, IIN
±0.3
μA max
Typically 10 nA, VIN = 0 V or VDD
Input Capacitance, CIN2, 3
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDD − 0.2
V min
ISOURCE = 200 μA
Output Low Voltage, VOL
0.4
V max
ISINK = 200 μA
Floating-State Leakage Current
±0.3
μA max
Floating-State Output Capacitance2, 3
10
pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
8
μs max
20 SCLK cycles with SCLK at 2.5 MHz
9.6
μs max
24 SCLK cycles with SCLK at 2.5 MHz
Track-and-Hold Acquisition Time
1.5
μs max
400
ns max
Sine wave input ≤ 10 kHz
Throughput Rate
100
kSPS
See the Serial Interface section
POWER REQUIREMENTS
VDD
4.5/5.5
V min/V max
IDD
Digital I/PS = 0 V or VDD
Normal Mode (Static)
5.2
mA max
SCLK on or off. VDD = 5.5 V
Normal Mode (Operational)
4.8
mA max
fSAMPLE = 100 kSPS. VDD = 5.5 V; 3.3 mA typ
Full Power-Down Mode
0.5
μA max
SCLK on or off. VDD = 5.5 V
Power Dissipation4
VDD = 5.5 V
Normal Mode (Operational)
26.4
mW max
fSAMPLE = 100 kSPS
Full Power-Down
2.75
μW max
1Temperature range as follows: B Version: −40°C to +85°C.
2 See the Terminology section.
3 Sample tested during initial release to ensure compliance.
4 See the Power vs. Throughput Rate section.


Similar Part No. - AD7680BRMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7680BRMZ-REEL7 AD-AD7680BRMZ-REEL7 Datasheet
348Kb / 25P
   3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
More results

Similar Description - AD7680BRMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7680ARMZ AD-AD7680ARMZ Datasheet
301Kb / 24P
   3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
REV. A
AD7680 AD-AD7680_17 Datasheet
348Kb / 25P
   3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
AD7940 AD-AD7940_15 Datasheet
354Kb / 20P
   3 mW, 100 kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. A
AD7940BRJ AD-AD7940BRJ Datasheet
354Kb / 20P
   3 mW, 100 kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. A
AD7680 AD-AD7680 Datasheet
200Kb / 11P
   3mW, 100kSPS,16-Bit ADC in 6 Lead SOT-23
REV. PrE 11/02
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
   12-Bit ADC in 6-Lead SOT-23
Rev. 0
AD7940 AD-AD7940_17 Datasheet
391Kb / 21P
   14-Bit ADC in 6-Lead SOT-23
AD7940 AD-AD7940 Datasheet
480Kb / 20P
   3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. 0
AD7457 AD-AD7457_15 Datasheet
524Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457BRT AD-AD7457BRT Datasheet
491Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com