Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC6502P065VCTTR Datasheet(PDF) 7 Page - Microchip Technology

Part # TC6502P065VCTTR
Description  Ultra Small Temperature Switches with Pin Selectable Hysteresis
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6502P065VCTTR Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC6502P065VCTTR Datasheet HTML 3Page - Microchip Technology TC6502P065VCTTR Datasheet HTML 4Page - Microchip Technology TC6502P065VCTTR Datasheet HTML 5Page - Microchip Technology TC6502P065VCTTR Datasheet HTML 6Page - Microchip Technology TC6502P065VCTTR Datasheet HTML 7Page - Microchip Technology TC6502P065VCTTR Datasheet HTML 8Page - Microchip Technology TC6502P065VCTTR Datasheet HTML 9Page - Microchip Technology TC6502P065VCTTR Datasheet HTML 10Page - Microchip Technology TC6502P065VCTTR Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 2002-2012 Microchip Technology Inc.
DS21451E-page 7
TC6501/2/3/4
5.0
APPLICATIONS
The TC6501 and TC6503 have open-drain outputs and
are, therefore, intended to interface as microcontroller
reset inputs. Moreover, the combination of these two
devices can be used to implement a temperature
window alarm by wire-ORing the outputs and using an
external pull-up resistor (see Figure 5-1).
FIGURE 5-1:
Over and Under
Temperature Alarm.
The TC6502 can be used to control a DC fan. The fan
turns on when the sensed temperature rises above the
factory-set
threshold
and
remains
on
until
the
temperature falls below threshold minus the hysteresis
selected. An additional fail-safe measure could be
designed by using a second TC6502 with a higher
temperature threshold to alert the user of an impending
thermal shutdown, should the temperature continue to
rise (see Figure 5-2).
FIGURE 5-2:
Fan Control with Over
Temperature Alert.
The TC6504, with its push-pull output, may be used in
a similar fashion to turn on a heater element at cold
temperatures (see Figure 5-3).
FIGURE 5-3:
TC6504 As Heater
Thermostat.
HYST
VCC
GND
GND
HYST
TUNDER
+5V
RPULL-UP
100 k
GND GND
VCC
TOVER
TC6501
TC6503
HYST
100 pF
Out of Range
100 pF
HYST
VCC
GND
GND
HYST
TUNDER
GND GND
VCC
TOVER
TC6501
TC6503
HYST
Temperature
GND
GND
100 pF
HYST
+5V
TOVER
VCC
TC6502PO65
GND
GND
HYST
TOVER
VCC
TC6502PO45
Temperature
Fault
Fan Control
GND
GND
HYST
+5V
TOVER
VCC
TC6502PO65
GND
GND
HYST
TOVER
VCC
TC6502PO45
GND
GND
HYST
+5V
TOVER
VCC
TC6502
GND GND
HYST
TOVER
VCC
TC6502
100 pF
Heater "On"
TUNDER
TUNDER
TUNDER + 2°C
TC6504
+5V
12V
GND
GND HYST
VCC
Heater
TUNDER
100 pF
Temperature
Time


Similar Part No. - TC6502P065VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC6502P065VCTTR MICROCHIP-TC6502P065VCTTR Datasheet
262Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6502P065VCTTR MICROCHIP-TC6502P065VCTTR Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6502P065VCTTR MICROCHIP-TC6502P065VCTTR Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6502P065VCTTR MICROCHIP-TC6502P065VCTTR Datasheet
272Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
More results

Similar Description - TC6502P065VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501 MICROCHIP-TC6501 Datasheet
326Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
2004
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
272Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
262Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
logo
ON Semiconductor
NCT51 ONSEMI-NCT51 Datasheet
124Kb / 12P
   Ultra Small Temperature Switch with Pin-Selectable Hysteresis
June, 2002 ??Rev. 1
logo
Microchip Technology
MCP9501 MICROCHIP-MCP9501 Datasheet
338Kb / 20P
   Temperature Switch with Selectable Hysteresis
2011
logo
Richtek Technology Corp...
RT9726 RICHTEK-RT9726 Datasheet
115Kb / 8P
   High-Voltage Hysteresis Selectable Temperature Switch
logo
Torex Semiconductor
XC3101 TOREX-XC3101_12 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101 TOREX-XC3101 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com