Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7715AR-3 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7715AR-3
Description  3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7715AR-3 Datasheet(HTML) 1 Page - Analog Devices

  AD7715AR-3 Datasheet HTML 1Page - Analog Devices AD7715AR-3 Datasheet HTML 2Page - Analog Devices AD7715AR-3 Datasheet HTML 3Page - Analog Devices AD7715AR-3 Datasheet HTML 4Page - Analog Devices AD7715AR-3 Datasheet HTML 5Page - Analog Devices AD7715AR-3 Datasheet HTML 6Page - Analog Devices AD7715AR-3 Datasheet HTML 7Page - Analog Devices AD7715AR-3 Datasheet HTML 8Page - Analog Devices AD7715AR-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
3 V/5 V, 450 μA
16-Bit, Sigma-Delta ADC
AD7715
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Charge-balancing ADC
16-bits no missing codes
0.0015% nonlinearity
Programmable gain front end
Gains of 1, 2, 32 and 128
Differential input capability
Three-wire serial interface
SPI-, QSPI™-, MICROWIRE™-, and DSP-compatible
Ability to buffer the analog input
3 V (AD7715-3) or 5 V (AD7715-5) operation
Low supply current: 450 μA maximum @ 3 V supplies
Low-pass filter with programmable output update
16-lead SOIC/PDIP/TSSOP
FUNCTIONAL BLOCK DIAGRAM
PGA
BUFFER
CHARGE BALANCING
ADC
Σ-∆
MODULATOR
DIGITAL
FILTER
REF IN(–)
REF IN(+)
AVDD
DVDD
A = 1 TO 128
MCLK IN
MCLK OUT
RESET
AIN(+)
AIN(–)
SERIAL
INTERFACE
REGISTER BANK
SCLK
CS
DIN
DOUT
DRDY
CLOCK
GENERATION
AGND
DGND
AD7715
Figure 1.
GENERAL DESCRIPTION
The AD7715 is a complete analog front end for low frequency
measurement applications. The part can accept low level input
signals directly from a transducer and outputs a serial digital
word. It employs a Σ-Δ conversion technique to realize up to
16 bits of no missing codes performance. The input signal is
applied to a proprietary programmable gain front end based
around an analog modulator. The modulator output is processed
by an on-chip digital filter. The first notch of this digital filter
can be programmed via the on-chip control register allowing
adjustment of the filter cutoff and output update rate.
The AD7715 features a differential analog input as well as a
differential reference input. It operates from a single supply (3 V
or 5 V). It can handle unipolar input signal ranges of 0 mV to
20 mV, 0 mV to 80 mV, 0 V to 1.25 V and 0 V to 2.5 V. It can
also handle bipolar input signal ranges of ±20 mV, ±80 mV,
±1.25 V and ±2.5 V. These bipolar ranges are referenced to the
negative input of the differential analog input. The AD7715
thus performs all signal conditioning and conversion for a
single channel system.
The AD7715 is ideal for use in smart, microcontroller, or DSP-
based systems. It features a serial interface that can be configured
for three-wire operation. Gain settings, signal polarity, and
update rate selection can be configured in software using the
input serial port. The part contains self-calibration and system
calibration options to eliminate gain and offset errors on the
part itself or in the system.
CMOS construction ensures very low power dissipation, and
power-down mode reduces the standby power consumption to
50 μW typical. The part is available in a 16-lead, 0.3 inch-wide,
plastic dual-in-line package (PDIP) as well as a 16-lead 0.3 inch
wide small outline (SOIC_W) package and a 16-lead TSSOP
package.
PRODUCT HIGHLIGHTS
1.
The AD7715 consumes less than 450 μA in total supply
current at 3 V supplies and 1 MHz master clock, making it
ideal for use in low-power systems. Standby current is less
than 10 μA.
2.
The programmable gain input allows the AD7715 to accept
input signals directly from a strain gage or transducer
removing a considerable amount of signal conditioning.
3.
The AD7715 is ideal for microcontroller or DSP processor
applications with a three-wire serial interface reducing the
number of interconnect lines and reducing the number
of optocouplers required in isolated systems. The part
contains on-chip registers which allow software control
over output update rate, input gain, signal polarity, and
calibration modes.
4.
The part features excellent static performance specifications
with 16-bits no missing codes, ±0.0015% accuracy, and low
rms noise (<550 nV). Endpoint errors and the effects of
temperature drift are eliminated by on-chip calibration
options, which remove zero-scale and full-scale errors.


Similar Part No. - AD7715AR-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7715AR-3 AD-AD7715AR-3 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7715AR-3 AD-AD7715AR-3 Datasheet
495Kb / 40P
   3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7715AR-3 AD-AD7715AR-3 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7715AR-3REEL AD-AD7715AR-3REEL Datasheet
495Kb / 40P
   3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
More results

Similar Description - AD7715AR-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7715AR5 AD-AD7715AR5 Datasheet
495Kb / 40P
   3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7707 AD-AD7707 Datasheet
316Kb / 40P
   3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV. A
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7705 AD-AD7705 Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7705 AD-AD7705_06 Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com