Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7794BRU Datasheet(PDF) 10 Page - Analog Devices

Part # AD7794BRU
Description  6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7794BRU Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7794BRU Datasheet HTML 6Page - Analog Devices AD7794BRU Datasheet HTML 7Page - Analog Devices AD7794BRU Datasheet HTML 8Page - Analog Devices AD7794BRU Datasheet HTML 9Page - Analog Devices AD7794BRU Datasheet HTML 10Page - Analog Devices AD7794BRU Datasheet HTML 11Page - Analog Devices AD7794BRU Datasheet HTML 12Page - Analog Devices AD7794BRU Datasheet HTML 13Page - Analog Devices AD7794BRU Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD7794/AD7795
Rev. D | Page 10 of 36
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AVDD to GND
−0.3 V to +7 V
DVDD to GND
−0.3 V to +7 V
Analog Input Voltage to GND
−0.3 V to AVDD + 0.3 V
Reference Input Voltage to GND
−0.3 V to AVDD + 0.3 V
Digital Input Voltage to GND
−0.3 V to DVDD + 0.3 V
Digital Output Voltage to GND
−0.3 V to DVDD + 0.3 V
AIN/Digital Input Current
10 mA
Operating Temperature Range
B Grade
−40°C to +105°C
C Grade
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
TSSOP
θJA Thermal Impedance
97.9°C/W
θJC Thermal Impedance
14°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD7794BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7794 AD-AD7794 Datasheet
260Kb / 21P
   Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
REV.PrE 6/04
AD7794 AD-AD7794 Datasheet
767Kb / 37P
   6-Channel, Low Noise, Low Power
REV. D
AD7794 AD-AD7794_15 Datasheet
767Kb / 37P
   6-Channel, Low Noise, Low Power
REV. D
More results

Similar Description - AD7794BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7792 AD-AD7792_07 Datasheet
661Kb / 32P
   3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
AD7799BRUZ-REEL AD-AD7799BRUZ-REEL Datasheet
897Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, 誇-? ADC with On-Chip In-Amp
REV. A
AD7798 AD-AD7798 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
REV. B
AD7785 AD-AD7785 Datasheet
635Kb / 32P
   3-Channel, Low Noise, Low Power, 20-Bit ??? ADC with On-Chip In-Amp and Reference
REV. 0
AD7785 AD-AD7785_17 Datasheet
480Kb / 33P
   3-Channel, Low Noise, Low Power ADC with On-Chip In-Amp and Reference
AD7792 AD-AD7792 Datasheet
241Kb / 18P
   Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
REV.PrF 6/04
AD7794 AD-AD7794 Datasheet
260Kb / 21P
   Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
REV.PrE 6/04
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com