Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE17M02750K Datasheet(PDF) 1 Page - AVX Corporation

Part # VE17M02750K
Description  Radial lead varistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VE17M02750K Datasheet(HTML) 1 Page - AVX Corporation

  VE17M02750K Datasheet HTML 1Page - AVX Corporation VE17M02750K Datasheet HTML 2Page - AVX Corporation VE17M02750K Datasheet HTML 3Page - AVX Corporation VE17M02750K Datasheet HTML 4Page - AVX Corporation VE17M02750K Datasheet HTML 5Page - AVX Corporation VE17M02750K Datasheet HTML 6Page - AVX Corporation VE17M02750K Datasheet HTML 7Page - AVX Corporation VE17M02750K Datasheet HTML 8Page - AVX Corporation VE17M02750K Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
12
Zinc Oxide Varistors
VE 07/09/13/17/24
VF 05/07/10/14/20
FEATURES
• Radial lead varistors
• Wide operating voltage range from 14 V to 625 V (V
rms for
VE types) or 22 V to 1000 V (V
1mA for VF types)
• Available in tape and reel for use with automatic insertion
equipment (see pages 31 to 33 for details).
PARTICULAR CHARACTERISTICS
E
D
t
UL
(USA and
VE Series
VF Series
Maximum
Nominal voltage
Canadian
P/N codification using
P/N codification using
operating voltage
at 1 mA dc
Standards)
(D
max , Vrms)(dceramic, V1mA)Vrms
V
DC
V
1mA mini
V
1mA nominal
V
1mA maxi
VE07M00140K _ _
VF05M10220K _ _
14
18
19.8
22
24.2
VE09M00140K _ _
VF07M10220K _ _
VE13M00140K _ _
VF10M10220K _ _
VE17M00140K _ _
VF14M10220K _ _
VE07M00170K _ _
VF05M10270K _ _
17
22
24.0
27
30.0
VE09M00170K _ _
VF07M10270K _ _
VE13M00170K _ _
VF10M10270K _ _
VE17M00170K _ _
VF14M10270K _ _
VE07M00200K _ _
VF05M10330K _ _
20
26
29.5
33
36.5
VE09M00200K _ _
VF07M10330K _ _
VE13M00200K _ _
VF10M10330K _ _
VE17M00200K _ _
VF14M10330K _ _
VE07M00250K _ _
VF05M10390K _ _
25
31
35
39
43
VE09M00250K _ _
VF07M10390K _ _
VE13M00250K _ _
VF10M10390K _ _
VE17M00250K _ _
VF14M10390K _ _
VE07M00300K _ _
VF05M10470K _ _
30
38
42
47
52
VE09M00300K _ _
VF07M10470K _ _
VE13M00300K _ _
VF10M10470K _ _
VE17M00300K _ _
VF14M10470K _ _
VE07M00350K _ _
VF05M10560K _ _
35
45
50
56
62
VE09M00350K _ _
VF07M10560K _ _
VE13M00350K _ _
VF10M10560K _ _
VE17M00350K _ _
VF14M10560K _ _
VE07M00400K _ _
VF05M10680K _ _
40
56
61
68
75
VE09M00400K _ _
VF07M10680K _ _
VE13M00400K _ _
VF10M10680K _ _
VE17M00400K _ _
VF14M10680K _ _
VE07M00500K _ _
VF05M10820K _ _
50
65
73
82
91
VE09M00500K _ _
VF07M10820K _ _
VE13M00500K _ _
VF10M10820K _ _
VE17M00500K _ _
VF14M10820K _ _


Similar Part No. - VE17M02750K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VE17P00131K AVX-VE17P00131K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VE17P00141K AVX-VE17P00141K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VE17P00151K AVX-VE17P00151K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VE17P00211K AVX-VE17P00211K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VE17P00231K AVX-VE17P00231K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
More results

Similar Description - VE17M02750K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com