Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9954 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9954
Description  400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954 Datasheet(HTML) 5 Page - Analog Devices

  AD9954_09 Datasheet HTML 1Page - Analog Devices AD9954_09 Datasheet HTML 2Page - Analog Devices AD9954_09 Datasheet HTML 3Page - Analog Devices AD9954_09 Datasheet HTML 4Page - Analog Devices AD9954_09 Datasheet HTML 5Page - Analog Devices AD9954_09 Datasheet HTML 6Page - Analog Devices AD9954_09 Datasheet HTML 7Page - Analog Devices AD9954_09 Datasheet HTML 8Page - Analog Devices AD9954_09 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
AD9954
Rev. B | Page 5 of 40
Parameter
Temp
Test
Level
Min
Typ
Max
Unit
COMPARATOR INPUT CHARACTERISTICS
Input Capacitance
25°C
V
3
pF
Input Resistance
25°C
IV
500
Input Current
25°C
I
±12
μA
Hysteresis
25°C
IV
30
45
mV
COMPARATOR OUTPUT CHARACTERISTICS
Logic 1 Voltage, High-Z Load
Full
VI
1.6
V
Logic 0 Voltage, High-Z Load
Full
VI
0.4
V
Propagation Delay
25°C
IV
3
ns
Output Duty-Cycle Error
25°C
IV
±5
%
Rise/Fall Time, 5 pF Load
25°C
IV
1
ns
Toggle Rate, High-Z Load
25°C
IV
200
MHz
Output Jitter1
25°C
IV
1
ps rms
COMPARATOR NARROW-BAND SFDR
10 MHz to 160 MHz FOUT
Measured over a 1 MHz BW
25°C
V
80
dBc
Measured over a 250 kHz BW
25°C
V
85
dBc
Measured over a 50 kHz BW
25°C
V
90
dBc
Measured over a 10 Hz BW
25°C
V
95
dBc
TIMING CHARACTERISTICS
Serial Control Bus
Maximum Frequency
Full
IV
25
Mbps
Minimum Clock Pulse Width Low
Full
IV
7
ns
Minimum Clock Pulse Width High
Full
IV
7
ns
Maximum Clock Rise/Fall Time
Full
IV
2
ns
Minimum Data Setup Time DVDD_I/O = 3.3 V
Full
IV
3
ns
Minimum Data Setup Time DVDD_I/O = 1.8 V
Full
IV
5
ns
Minimum Data Hold Time
Full
IV
0
ns
Maximum Data Valid Time
Full
IV
25
ns
Wake-Up Time2
Full
IV
1
ms
Minimum Reset Pulse Width High
Full
IV
5
SYSCLK
cycles3
I/O UPDATE, PS0, PS1 to SYNC_CLK Setup Time, DVDD_I/O = 3.3 V
Full
I
4
ns
I/O UPDATE, PS0, PS1 to SYNC_CLK Setup Time, DVDD_I/O = 1.8 V
Full
I
6
ns
I/O UPDATE, PS0, PS1 to SYNC_CLK Hold Time
Full
I
0
ns
Latency
I/O UPDATE to Frequency Change Prop Delay
25°C
IV
24
SYSCLK
cycles
I/O UPDATE to Phase Offset Change Prop Delay
25°C
IV
24
SYSCLK
cycles
I/O UPDATE to Amplitude Change Prop Delay
25°C
IV
16
SYSCLK
cycles
PS0, PS1 to RAM Driven Frequency Change Prop Delay
25°C
IV
28
SYSCLK
cycles
PS0, PS1 to RAM Driven Phase Change Prop Delay
25°C
IV
28
SYSCLK
cycles
PS0 to Linear Frequency Sweep Prop Delay
25°C
IV
28
SYSCLK
cycles


Similar Part No. - AD9954_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9954/PCB AD-AD9954/PCB Datasheet
1Mb / 36P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9954/PCBZ AD-AD9954/PCBZ Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9954/PCBZ AD-AD9954/PCBZ Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954/PCBZ AD-AD9954/PCBZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954YSV AD-AD9954YSV Datasheet
1Mb / 36P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
More results

Similar Description - AD9954_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9952 AD-AD9952 Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954 Datasheet
1Mb / 36P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9951 AD-AD9951_15 Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951YSVZ AD-AD9951YSVZ Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9952 AD-AD9952_15 Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9859 AD-AD9859 Datasheet
574Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com