Electronic Components Datasheet Search |
|
VF07M10220K Datasheet(PDF) 2 Page - AVX Corporation |
|
VF07M10220K Datasheet(HTML) 2 Page - AVX Corporation |
2 / 13 page 13 * VE13 / VF10: For models with V RMS 320 V other version/suffixes available with: E = 5.08 (0.20) Suffix: Ø = 0.6 (.024) Bulk: HB D = 12.5 (.492) max Tape: DA, DB, DC, DD, DQ, ... **VE24 / VF20: For lead diameter = 1.0 (.039), please consult us. GENERAL CHARACTERISTICS Storage temperature: -40°C to +125°C Max. operating temperature: +85°C Response time: < 25 ns Voltage coefficient temp.: ⎮K⎮ < 0.09%/°C Voltage proof: 2500 V Epoxy coating: Flame retardant UL94-VO MARKING Type AC nominal voltage (EIA coding) for VE types V 1mA varistor voltage (EIA coding) for VF types Logo UL logo (when approved) Lot number (VE13/17/24 and VF10/14/20 only) D Maximum ø Type Type Ceramic coated H t +10% E diameter diameter max. max. –0.05 (.002) ± 0.8 (.031) VE07 VF05 5 (.196) 7 (.275) 10 (.394) 0.6 (.024) 5.08 (0.20) VE09 VF07 7 (.275) 9 (.354) 12 (.472) 0.6 (.024) 5.08 (0.20) VE13* VF10* 10 (.393) 13* (.512) 16 (.630) see 0.8* (.031) 7.62*(0.30) VE17 VF14 14 (.551) 17 (.669) 20 (.787) table 0.8 (.031) 7.62 (0.30) VE24** VF20** 20 (.787) 24 (.945) 27 (1.06) 0.8** (.031) 7.62 (0.30) Max. clamping Max. energy absorption Max. permissible Typical Mean Maximum V/I Derating voltage (8 x 20 µs) (10 x 1000 µs) peak current capacitance power thickness characteristic curves W (J) (8 x 20 µs) f = 1kHz dissipation t Vp (V) Ip (A) Number of surges Ip (A) 1 10 1 surge 2 surges pF W mm (inches) Page Page 43 1 0.4 0.2 100 50 1050 0.01 3.6 (.142) 22 24 43 2.5 0.9 0.6 250 125 1900 0.02 3.6 (.142) 22 25 43 5 2 1.3 500 250 4000 0.05 4.3 (.169) 22 26 43 10 4 2.6 1000 500 4000 0.10 4.3 (.169) 23 27 53 1 0.5 0.3 100 50 1050 0.01 3.7 (.146) 22 24 53 2.5 1.1 0.7 250 125 1900 0.02 3.7 (.146) 22 25 53 5 2.5 1.6 500 250 4000 0.05 4.3 (.169) 22 26 53 10 4.7 3.0 1000 500 6800 0.10 4.3 (.169) 23 27 65 1 0.6 0.3 100 50 750 0.01 3.9 (.154) 22 24 65 2.5 1.3 0.9 250 125 1500 0.02 3.9 (.154) 22 25 65 5 3.1 2.0 500 250 3100 0.05 4.5 (.177) 22 26 65 10 5.7 4.0 1000 500 5700 0.10 4.5 (.177) 23 27 77 1 0.7 0.4 100 50 660 0.01 3.6 (.142) 22 24 77 2.5 1.6 1.0 250 125 1250 0.02 3.6 (.142) 22 25 77 5 3.7 3 500 250 2800 0.05 4.4 (.173) 22 26 77 10 7 5 1000 500 4600 0.10 4.4 (.173) 23 27 93 1 0.9 0.4 100 50 580 0.01 3.8 (.150) 22 24 93 2.5 2.0 1 250 125 1050 0.02 3.8 (.150) 22 25 93 5 4.4 4 500 250 2150 0.05 4.4 (.173) 22 26 93 10 9.0 7 1000 500 3500 0.10 4.4 (.173) 23 27 110 1 1.1 0.4 100 50 460 0.01 3.9 (.154) 22 24 110 2.5 2.5 1 250 125 850 0.02 3.9 (.154) 22 25 110 5 5.4 4.4 500 250 1900 0.05 4.7 (.185) 22 26 110 10 10.0 8 1000 500 3100 0.10 4.7 (.185) 23 27 135 1 1.3 0.5 100 50 400 0.01 4.1 (.161) 22 24 135 2.5 3.0 1 250 125 720 0.02 4.1 (.161) 22 25 135 5 8.4 5.9 500 250 1700 0.05 4.9 (.193) 22 26 135 10 13.0 8.5 1000 500 2800 0.10 4.9 (.193) 23 27 135 5 1.8 0.6 400 200 300 0.1 3.5 (.138) 22 24 135 10 4.2 1.6 1200 600 530 0.2 3.5 (.138) 22 25 135 25 8.4 6 2500 1250 950 0.4 4.1 (.161) 22 26 135 50 15.0 11 4500 2500 1800 0.6 4.1 (.161) 23 27 Zinc Oxide Varistors VE 07/09/13/17/24 VF 05/07/10/14/20 DIMENSIONS millimeters (inches) |
Similar Part No. - VF07M10220K |
|
Similar Description - VF07M10220K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |